Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4225-BL Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4225-BL
Description  Digital Audio Conversion System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225-BL Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4225-BL Datasheet HTML 3Page - Cirrus Logic CS4225-BL Datasheet HTML 4Page - Cirrus Logic CS4225-BL Datasheet HTML 5Page - Cirrus Logic CS4225-BL Datasheet HTML 6Page - Cirrus Logic CS4225-BL Datasheet HTML 7Page - Cirrus Logic CS4225-BL Datasheet HTML 8Page - Cirrus Logic CS4225-BL Datasheet HTML 9Page - Cirrus Logic CS4225-BL Datasheet HTML 10Page - Cirrus Logic CS4225-BL Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SWITCHING CHARACTERISTICS - CONTROL PORT
(TA = 25
oC; VD+, VA+ = 5V±10%;Inputs: logic 0 = DGND, logic 1 = VD+, CL = 20pF)
Parameter
Symbol
Min
Max
Units
I
2C® Mode (H/S = floating)
Note 10
SCL Clock Frequency
fscl
0
100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
µs
Clock Low Time
tlow
4.7
µs
Clock High Time
thigh
4.0
µs
Setup Time for Repeated Start Condition
tsust
4.7
µs
SDA Hold Time from SCL Falling
Note 11
thdd
0
µs
SDA Setup Time to SCL Rising
tsud
250
ns
Rise Time of Both SDA and SCL Lines
tr
1
µs
Fall Time of Both SDA and SCL Lines
tf
300
ns
Setup Time for Stop Condition
tsusp
4.7
µs
Notes: 10. Use of the I
2C® bus interface requires a license from Philips.
I
2C® is a registered trademark of Philips Semiconductors.
11. Data must be held for sufficient time to bridge the 300ns transition time of SCL.
t buf
t hdst
t
hdst
t
low
t r
t f
t
hdd
t high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
CS4225
DS86PP8
7


Similar Part No. - CS4225-BL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4220-KS CIRRUS-CS4220-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221 CIRRUS-CS4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221-KS CIRRUS-CS4221-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Similar Description - CS4225-BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
logo
Richtek Technology Corp...
RT9107B RICHTEK-RT9107B Datasheet
641Kb / 42P
   Dual-Channel Digital Audio System
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
logo
NXP Semiconductors
SAA7220 PHILIPS-SAA7220 Datasheet
247Kb / 20P
   DIGITAL FILTER FOR COMPACT DISC DIGITAL AUDIO SYSTEM
September 1985
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
logo
ATMEL Corporation
ATR4255P ATMEL-ATR4255P Datasheet
386Kb / 34P
   FM Double-conversion System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com