Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC410S0NIP0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC410S0NIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC410S0NIP0F Datasheet(HTML) 4 Page - Sharp Corporation

  PC410S0NIP0F Datasheet HTML 1Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 2Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 3Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 4Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 5Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 6Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 7Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 8Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Sheet No.: D2-A09001EN
PC410S0NIP0F Series
■ Electro-optical Characteristics
(Unless otherwise specified Ta=−40 to 85˚C)
Parameter
Symbol
Condition
MIN.
TYP.
*5
MAX.
Unit
Forward voltage
VF
IF=10mA
1.3
1.8
V
Ta=25˚C, IF=10mA
1.4
1.5
1.75
Reverse current
IR
Ta=25̊C, VR=5V
−−
10
μA
Terminal capacitance
Ct
Ta=25̊C, V=0, f=1MHz
60
pF
High level output voltage
IOH
VCC=VO=5.5V, VE=2V, IF=250μA
0.02
100
μA
Low level output voltage
VOL
VCC=5.5V, VE=2V, IF=5mA, IOL=13mA
0.4
0.6
V
High level enable current
IEH
VCC=5.5V, VE=2V
−−0.5
−1.6
mA
Low level enable current
IEL
VCC=5.5V, VE=0.5V
−−0.7
−1.6
mA
High level supply current
ICCH
VCC=5.5V, VE=VCC, IF=0
5
mA
VCC=5.5V, VE=0.5V, IF=0
510
mA
Low level supply current
ICCL
VCC=5.5V, VE=VCC, IF=10mA
7
mA
VCC=5.5V, VE=0.5V, IF=10mA
5.5
13
mA
"High→Low" input threshold current
IFHL
VCC=5V, VE=2V, VO=0.6V, RL=350Ω
2.5
5
mA
Isolation resistance
RISO
Ta=25̊C, DC500V, 40 to 60%RH
5×10
10
10
11
−Ω
Floating capacitance
Cf
Ta=25̊C, V=0, f=1MHz
0.6
pF
"High→Low" propagation delay time
tPHL
Ta=25̊C, IF=7.5mA, VCC=5V,
RL=350W, CL=15pF,
25
48
75
ns
"Low→High" propagation delay time
tPLH
25
50
75
ns
Rise time
tr
20
ns
Fall time
tf
10
ns
*7 Distortion of pulse width
ΔtW
−−
35
ns
Propagation delay skew
tPSK
−−
40
ns
"High→Low" enable propagation
delay time
tEHL
15
ns
Ta=25 ̊C, IF=7.5mA, VCC=5V,
RL=350Ω, CL=15pF, VEH=3V
VEL=0
"Low→High" enable propagation
delay time
tELH
10
ns
Instantaneous common mode rejection
voltage (High level output)
CMH
IF=0, VO(Min)=2V Ta=25̊C, VCC=5V,
VCM=1kV(P-P),
RL=350Ω
10
20
kV/μs
Instantaneous common mode rejection
voltage (Low level output)
CML
IF=5mA,
VO(MAX)=0.8V
−10
−20
kV/μs
*5 All typical values at VCC=5V, Ta=25˚C
*6 It shall connect a by-pass capacitor of 0.01μF or more between VCC (pin ➇) and GND (pin ➄) near the device, when it measures the transfer characteristics and the output side
characteristics
*7 Distortion of pulse width Δtw= | tPHL−tPLH |
(Ta=Topr)
Parameter
Symbol
Rating
Unit
Input
*1 Forward current
IF
20
mA
Reverse voltage
VR
5V
Power dissipation
P
40
mW
Output
Supply voltage
VCC
7V
Enable voltage
VE
VCC+0.5
V
Enable inpout current
IE
5mA
High level output voltage
VOH
7V
Low level output current
IOL
50
mA
*2 Output collector power dissipation
PC
85
mW
Operating temperature
Topr
−40 to +85
̊C
Storage temperature
Tstg
−55 to +125
̊C
*3 Isolation voltage
Viso(rms)
3.75
kV
*4 Soldering temperature
Tsol
270
̊C
■ Absolute Maximum Ratings
*1 Refer to Fig.4
*2 Refer to Fig.5
*3 40 to 60%RH, AC for 1minute, f=60Hz
*4 For 10s


Similar Part No. - PC410S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC410L SHARP-PC410L Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC410L0NIP0F SHARP-PC410L0NIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
More results

Similar Description - PC410S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC457S0NIP0F SHARP-PC457S0NIP0F Datasheet
225Kb / 13P
   High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
   High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
   High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
   High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
   High Speed, High CMR OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
   High Speed and High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com