Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC410S0NIP0F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC410S0NIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at Package OPIC Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC410S0NIP0F Datasheet(HTML) 2 Page - Sharp Corporation

  PC410S0NIP0F Datasheet HTML 1Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 2Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 3Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 4Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 5Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 6Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 7Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 8Page - Sharp Corporation PC410S0NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Sheet No.: D2-A09001EN
PC410S0NIP0F Series
1.27±
0.05
0.406±
0.076
4
8
7
6
5
Primary side
mark
Date code
Rank mark
PC410S
SHARP
mark
"S"
5.080±
0.127
0.305
MIN.
12
3
1.27±
0.05
0.406±
0.076
4
VDE Identification mark
8
7
6
5
Primary side
mark
Date code
Rank mark
PC410S
4
SHARP
mark
"S"
5.080±
0.127
0.305
MIN.
12
3
■ Internal Connection Diagram
■ Outline Dimensions
1. Mini-flat Package [ex. PC410S0NIP0F]2. Mini-flat Package (VDE option) [ex. PC410S0YIP0F]
(Unit : mm)
Product mass : approx. 0.15g
Product mass : approx. 0.15g
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
8
N.C.
Anode
Cathode
N.C.
As for N.C. pins (➀, ➃), external connection is not allowed.
VE (Enable)
GND
VO (Open collector)
VCC
■ Truth table
Input
Enable
Output
HH
L
LH
H
HL
H
LL
H
L : Logic (0)
H : Logic (1)
Plating material : Pd (Au flush)


Similar Part No. - PC410S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC410L SHARP-PC410L Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC410L0NIP0F SHARP-PC410L0NIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
More results

Similar Description - PC410S0NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC4D10SYIP0F SHARP-PC4D10SYIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC4D10SNIP0F SHARP-PC4D10SNIP0F Datasheet
228Kb / 12P
   High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PC457S0NIP0F SHARP-PC457S0NIP0F Datasheet
225Kb / 13P
   High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
PC410L0YIP0F SHARP-PC410L0YIP0F Datasheet
337Kb / 13P
   High Speed 10Mb/s, High CMR Mini-flat Package ?뾑PIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
   High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
   High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC456L0NIP0F SHARP-PC456L0NIP0F Datasheet
211Kb / 13P
   High Speed 2Mb/s, High CMR Mini-flat Package OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
   High Speed, High CMR OPIC Photocoupler
PC410L0NIP SHARP-PC410L0NIP Datasheet
52Kb / 6P
   High Speed Response, High CMR OPIC Photocoupler
PC957L0NSZ SHARP-PC957L0NSZ Datasheet
48Kb / 3P
   High Speed and High CMR OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com