Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4041SPN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS4041SPN
Description  60 V NPN/PNP low VCEsat (BISS) transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4041SPN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PBSS4041SPN Datasheet HTML 3Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 4Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 5Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 6Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 7Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 8Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 9Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 10Page - NXP Semiconductors PBSS4041SPN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PBSS4041SPN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 20 October 2010
7 of 20
NXP Semiconductors
PBSS4041SPN
60 V NPN/PNP low VCEsat (BISS) transistor
7.
Characteristics
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
TR1; NPN low VCEsat transistor
ICBO
collector-base
cut-off current
VCB =60V; IE = 0 A
-
-
100
nA
VCB =60V; IE =0A;
Tj =150 °C
--50
μA
ICES
collector-emitter
cut-off current
VCE =48V; VBE = 0 V
-
-
100
nA
IEBO
emitter-base
cut-off current
VEB =5 V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =2V
[1]
IC = 500 mA
300
500
-
IC = 1 A
300
500
-
IC = 2 A
250
450
-
IC = 4 A
150
250
-
IC =6 A
75
150
-
VCEsat
collector-emitter
saturation voltage
[1]
IC =1 A; IB =50mA
-
40
60
mV
IC =1 A; IB = 10 mA
-
65
100
mV
IC =2 A; IB = 40 mA
-
85
145
mV
IC =4 A; IB = 200 mA
-
125
190
mV
IC =4 A; IB = 40 mA
-
220
320
mV
IC =7 A; IB = 350 mA
-
230
350
mV
RCEsat
collector-emitter
saturation resistance
IC =4 A; IB =200 mA
[1] -32
48
m
Ω
VBEsat
base-emitter
saturation voltage
[1]
IC =1 A; IB =100 mA
-
0.86
1
V
IC =4 A; IB =400 mA
-
1.05
1.2
V
VBEon
base-emitter
turn-on voltage
VCE =2V; IC =2A
[1] -0.75
0.85
V
td
delay time
VCC =12.5V; IC =1A;
IBon =0.05 A; IBoff = −0.05 A
-35
-
ns
tr
rise time
-
65
-
ns
ton
turn-on time
-
100
-
ns
ts
storage time
-
1050
-
ns
tf
fall time
-
220
-
ns
toff
turn-off time
-
1270
-
ns
fT
transition frequency
VCE =10V; IC =100 mA;
f=100MHz
-130
-
MHz
Cc
collector capacitance VCB =10V; IE =ie =0 A;
f=1MHz
-35
-
pF


Similar Part No. - PBSS4041SPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
logo
NXP Semiconductors
PBSS4041SPN PHILIPS-PBSS4041SPN_15 Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
More results

Similar Description - PBSS4041SPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
logo
NXP Semiconductors
PBSS4041SPN PHILIPS-PBSS4041SPN_15 Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
logo
Nexperia B.V. All right...
PBSS4160DPN NEXPERIA-PBSS4160DPN Datasheet
380Kb / 19P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4260PANP NXP-PBSS4260PANP Datasheet
348Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4260PANP NEXPERIA-PBSS4260PANP Datasheet
855Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4160PANP NXP-PBSS4160PANP Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160PANP NEXPERIA-PBSS4160PANP Datasheet
337Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
20 December 2017
logo
NXP Semiconductors
PBSS4160DPN PHILIPS-PBSS4160DPN_15 Datasheet
267Kb / 18P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160PANP PHILIPS-PBSS4160PANP_15 Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
PBSS4160DPN PHILIPS-PBSS4160DPN Datasheet
120Kb / 14P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01-3 June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com