Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA1283NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA1283NL
Description  HIGH FREQUENCY WIRE WOUND TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1283NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA1283NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1283NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1283NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
100
SPM2007 (11/07)
TRANSFORMERS
Part 3, 4
Turns Ratio
Primary
Primary
Leakage
DCR (m
Ω MAX)
Number
Application 2
Secondary
Inductance
Inductance
Pri.
Sec.
Sec.
Pri.
Sec.
Pri. Aux.
Isolation
(µH ±10%)
(µH MAX)
Pri.
Aux.
A
B
EP7 - 8 PIN SMT - (13.3MM X 10.7MM X 9.3MM MAX) - 3W POE FLYBACK TRANSFORMERS
PA1130NL
Vin=33-57v, Freq.=200kHz
1
0.083
0.208
500
7.5
1750
215
15
N/A
Vout=3.3v/3W, 8v/20mA
PA1279NL
Vin=33-57v, Freq.=200kHz
1
0.182
0.682
310
5
1600 2600
45
N/A
Vout=3.3v/3W, 12v/20mA
PA1131NL
Vin=33-57v, Freq.=200kHz
1
0.125
0.208
500
7.5
1750
215
35
N/A
Vout=5.0v/3W, 8v/20mA
PA1280NL
Vin=33-57v, Freq.=200kHz
1
0.273
0.682
310
5
1600 2650
87
N/A
Vout=5.0v/3W, 12v/20mA
PA1132NL
Vin=33-57v, Freq.=200kHz
1
0.286
0.204
521
7.5
1750
220
100
N/A
Vout=12v/3W, 8v/20mA
PA1281NL
Vin=33-57v, Freq.=200kHz
1
0.682
0.682
310
5
1600 2600
550
N/A
Vout=12v/3W, 12v/20mA
EP10 - 8 PIN SMT - (15.2MM X 13.1MM X 11.5MM MAX) - 7W TO 10W POE FLYBACK TRANSFORMERS
PB2115NL
Vin=36-72v, Freq.=300kHz
1
0.100
0.150
25.2
2
250
20
3.25
N/A
Vout=3.3v/10W, 5.0v/100mA
PA1133NL
Vin=33-57v, Freq.=200kHz
1
0.083
0.208
253
7.5
420
115
7.5
N/A
Vout=3.3v/7W, 8v/20mA
PA1253NL
Vin=33-57v, Freq.=200kHz
1
.0420 (1.8v)
0.271
253
8.5
420
335
(1.8v)
(3.3v)
Vout=1.8v/1A, 3.3v/1.5A, 12v/20mA
.0625 (3.3v)
PA1282NL
Vin=33-57v, Freq.=200kHz
1
0.182
0.682
155
5
530
900
31
N/A
Vout=3.3v/7W, 12v/20mA
PA1277NL
Vin=9-50v, Freq.=200kHz
1
0.222
0.555
20.4
1.5
80
150
7.5
N/A
Vout=3.3v/10W, 8v/20mA
PA1370NL
Vin=9-50v, Freq.=200kHz
1
0.444
0.388
20.4
1.5
80
105
30
N/A
Vout=3.3v/10W, 5v/20mA
PA1134NL
Vin=33-57v, Freq.=200kHz
1
0.125
0.208
253
7.5
420
115
16
N/A
Vout=5.0v/7W, 8v/20mA
PA1283NL
Vin=33-57v, Freq.=200kHz
1
0.273
0.682
155
5
570
1000
40
N/A
Vout=5.0v/7W, 12v/20mA
PA1135NL
Vin=33-57v, Freq.=200kHz
1
0.286
0.204
264
7.5
800
115
45
N/A
Vout=12v/7W, 8v/20mA
PA1284NL
Vin=33-57v, Freq.=200kHz
1
0.682
0.682
155
5
540
920
370
N/A
Vout=12v/7W, 12v/20mA
EP13 - 10 PIN SMT - (17.7MM X 14.0MM X 12.7MM MAX) - 11W TO 27W POE FLYBACK TRANSFORMERS
PA1136NL
Vin=33-57v, Freq.=200kHz
1
0.083
0.208
127
7.5
440
88
6
N/A
Vout=3.3v/13.5W, 8v/20mA
PA1267NL
Vin=33-57v, Freq.=200kHz
1
0.167
0.639
155.5
5
330
650
11
N/A
Vout=3.3v/11W, 12v/20mA
PA1269NL
Vin=33-57v, Freq.=200kHz
1
0.182
0.682
77.4
5
100
270
8.5
N/A
Vout=3.3v/13.5W, 12v/20mA
PA1137NL
Vin=33-57v, Freq.=200kHz
1
0.125
0.208
127
7.5
460
94
12
N/A
Vout=5.0v/13.5W, 8v/20mA
PA1260NL
Vin=33-57v, Freq.=200kHz
1
0.273
0.682
77.4
0.8
220
250
18
N/A
Vout=5.0v/13.5W, 12v/20mA
PA1138NL
Vin=33-57v, Freq.=200kHz
1
0.292
0.208
127
7.5
460
94
55
N/A
Vout=12v/13.5W, 8v/20mA
PA1276NL
Vin=33-57v, Freq.=200kHz
1
0.682
0.682
77.4
5
100
270
75
N/A
Vout=12v/13.5W, 12v/20mA
PA1528NL
Vin=33-57v, Freq.=200kHz
1
0.470
0.294
28.9
1
58
55
27
N/A
Vout=15v/27W, 12v/20mA
HIGH FREQUENCY WIRE WOUND
TRANSFORMERS
PoE Power Transformers - EP7, EP10 & EP13
Transformers for Power over Ethernet (PoE)
Power: 3W to 15W
Three different SMT platforms
Custom designs available
Electrical Specifications @ 25°C — Operating Temperature - 40°C to 125°C
1
1500Vrms
Operational
1500Vrms
Operational
1500Vdc
Operational
1500Vrms
Operational


Similar Part No. - PA1283NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1283NL PULSE-PA1283NL Datasheet
101Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS PoE Power Transformers - EP7, EP10 & EP13
PA1283NL PULSE-PA1283NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1283NL PULSE-PA1283NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1283NL PULSE-PA1283NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1283NL PULSE-PA1283NL Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA1283NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1138NLT PULSE-PA1138NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1136NL PULSE-PA1136NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
PM9595NL PULSE-PM9595NL Datasheet
618Kb / 2P
   High Frequency Wire Wound Transformers
03/22
PA3855.001NL PULSE-PA3855.001NL Datasheet
922Kb / 5P
   High Frequency Wire Wound Transformers
PG1895NL PULSE-PG1895NL Datasheet
774Kb / 2P
   High Frequency Wire Wound Transformers
PA0273 PULSE-PA0273 Datasheet
249Kb / 6P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1836NLT PULSE-PA1836NLT Datasheet
1Mb / 6P
   High Frequency Wire Wound Transformers
PA0700NL PULSE-PA0700NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1276NLT PULSE-PA1276NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
PA1277NLT PULSE-PA1277NLT Datasheet
149Kb / 3P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com