Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4224 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4224
Description  24-Bit 105 dB Audio Codec with Volume Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4224 Datasheet HTML 7Page - Cirrus Logic CS4224 Datasheet HTML 8Page - Cirrus Logic CS4224 Datasheet HTML 9Page - Cirrus Logic CS4224 Datasheet HTML 10Page - Cirrus Logic CS4224 Datasheet HTML 11Page - Cirrus Logic CS4224 Datasheet HTML 12Page - Cirrus Logic CS4224 Datasheet HTML 13Page - Cirrus Logic CS4224 Datasheet HTML 14Page - Cirrus Logic CS4224 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
CS4223 CS4224
DS290PP3
11
3. TYPICAL CONNECTION DIAGRAM — CS4224
AINL+
AINL-
1 µF
+
0.1 µF
2Ω
0.1 µF + 1µF
+5V
Supply
21
6
VA
VD
Ferrite Bead
2.2 nF
150Ω
150Ω
AINR+
AINR-
2.2 nF
150Ω
150Ω
20
19
17
16
22
7
AGND
DGND
12
27
Microcontroller
AD0/CS
RST
CS4224
18
I2C/SPI
R= 500 Ω
NC
1
NC
14
NC
15
NC
28
s
0.1 µF + 1µF
+2.7 - 5V
10
11
SCL/CCLK
SDA/CDIN
* Required for
Master Mode only
4
5
Audio
DSP
SCLK
LRCK
9
SDIN
8
SDOUT
Rs
Rs
Rs
Rs
13
VL
*
47 kΩ
25
26
AOUTL+
AOUTL-
24
23
Analog Filter
AOUTR+
AOUTR-
XTI
XTO
2
3
External
Clock Input
40 pF
40 pF
Eliminate the crystal
and capacitors when
using an external
clock input
Analog Filter
Figure 5. CS4224 Recommended Connection Diagram
(Also see
Recommended Layout Diagram)


Similar Part No. - CS4224

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4224-KS CIRRUS-CS4224-KS Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results

Similar Description - CS4224

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
   24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com