Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P100B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P100B
Description  Oscilloscope / Differential Probes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P100B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P100B Datasheet HTML 1Page - List of Unclassifed Manufacturers P100B Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FUNCTION
ADF25
ADF25A
ADF25C
Bandwidth
DC -25 MHz (-3dB)
DC -25 MHz (-3dB)
DC -70 MHz (-3dB)
Accuracy
± 2%
± 2%
± 2%
Risetime
14nS
14nS
14nS
CMRR (Typical)
50Hz
-80dB
-86dB
-80dB
20kHz
-60dB
-66dB
-60dB
200kHz
-50dB
-56dB
-50dB
Input Impedance
4M/10pf each
4M/10pf each
10M/10pf each
side to ground
side to ground
side to ground
8M/5pF
8M/5pF
20M/5pF
between inputs
between inputs
between inputs
Input Voltage
±140V DC Inc.Pk AC@
±170V DC Inc.Pk AC@
±700V DC Inc.Pk AC@
20:1 or 100V RMS
10:1 or 50V RMS
100:1 or 400V RMS
Maximum Differential
± 1,400VDC Inc. Pk AC
± 1,400VDC Inc. Pk AC
± 7,000VDC Inc. Pk AC
200:1 or 1,000V RMS
100:1 or 500V RMS
1,000:1 or 5,000V RMS
Output Voltage
± 7V minimum 2K load
± 7V minimum 2K load
± 7V minimum 50K load
Offset (typical)
<± 5mV -10° C to + 40° C
Common Mode
± 1,400V DC Inc. Pk AC
± 1,400V DC Inc. Pk AC
± 7,000V DC Inc. Pk AC
or 1,000V RMS
or 1,000V RMS
or 2,500V RMS
Noise (typical)
0.7mV RMS
0.7mV RMS
0.9mV RMS
Output Source
Impedance
1 @ 1kHz. 8 @1 MHz
1 @ 1kHz. 8 @1 MHz
50
Operating Temperature
-10° C to + 40° C (14°F to 104°F)
Power Requirements
4 AA cell or 6V main adapters: DC/600mA or DC/800mA
Power Supply
Not included
Input Leads
45 cm double insulated
45 cm double insulated
60 cm double insulated
PVC terminated in
PVC terminated in
Rubber terminated
44 mm safety plugs
44 mm safety plugs
in sprung hooks
IEC1010
CAT III
CATIII
CATII
SPECIFICATIONS
The
Value
Leader
Oscilloscope Probe Specifications
FAQ
Can TPI oscilloscope probes be used with Tektronix and Hewlett
Packard scopes?
Yes, TPI oscilloscope probes can be used with most major brands
of scopes.
Why is selecting a probe with the correct bandwidth important?
Choosing a probe with the correct bandwidth enables you to use
your scope to its full potential.
Why do TPI oscilloscope probes have a compensation range
and compensation adjustment?
Since the input of every oscilloscope is different our probes have
a compensation adjustment so the capacitance of the probe can
be adjusted to match the capacitance of the scope input. The
compensation range is the range of adjustment available.
Matching probe and scope capacitance is important to prevent
waveform distortion.
Differential Probe Specifications
What is the benefit of a probe with X1 and X10 switchable
attenuation?
Passive X10 probes allow you to read a signal 10 times the
amplitude of that viewed with a X1 probe. Example: an eight-division
graticule on 5V/Div setting would display a 40 volt peak-to-peak signal
using the X1 setting. You can view a 400 volt signal using the X10
setting.
What is readout?
Readout is an activator pin that protrudes out of the BNC connector of
an X10 or X100 probe that completes a circuit. There are contacts
around the BNC connector on the front of the oscilloscope and the
attenuation is automatically set. If your scope does
not have contacts around the BNC connector, it does not need this
feature.
What probe should I buy?
Select a probe that is at least the same bandwidth as the oscilloscope
you intend to use; however, for optimum performance, select a probe
with two times the bandwidth of your test instrument.
SPECIFICATIONS
FAQ
What can you measure with a differential probe?
With 20 MHz bandwidth, a switchable attenuation of 20:1,
and 200:1 (part no. ADF25), you can measure high-voltage
circuits, motor speed controls, power supply design, and
high-power electronic converters.
What comes in the probe set?
You will receive one differential probe, 2 probe tips, and 2
retractable sprung probes for accessing small wires for
measurements.
Why is common rejection ratio (CMMR) important for
differential probes?
CMMR is a measure of how well a differential probe will
reject signals common to both test points, leaving the
desired signal to be displayed by the scope
What does the maximum differential voltage specification
tell me?
This specification provides you with the maximum voltage
between the inputs the differential probe can be subjected to.
This is important because the maximum voltage should never
be exceeded.
What is input impedance?
Impedance is a measure of how much a signal will be
restricted. In general, it is best to have high resistance and low
capacitance to ensure signal quality, accuracy of tests, and to
ensure the probe doesn’t load down the circuit under test.
DIFFERENTIAL PROBES
OSCILLOSCOPE PROBES
Model Bandwidth Attenuation Cable Input Impedance
Max Input V
Rise
Compensation
Readout
IEC1010
Length
R
L
DC + peak AC
Time
Range
IP SERIES, SWITCHABLE
IP060
60MHz
x1
1.5M
1Meg
200pF
150V
6ns
20 ~ 45 pF
NA
CAT II
x10
10Meg
22pF
300V
IP250
250MHz
x1
1.5M
1Meg
200pF
150V
1.5ns
10 ~ 60pF
NA
CAT II
x10
10Meg
22pF
300V
SP SERIES, SWITCHABLE
SP 60B
60MHz
x1
1.2M
1Meg
47pF
150V
5.8ns
10 ~ 30pF
NA
CAT II
x10
10Meg
18pF
300V
SP 100B
100MHz
x1
1.2M
1Meg
47pF
150V
3.5ns
10 ~ 35pF
NA
CAT II
x10
10Meg
16pF
300V
SP150B
150MHz
x1
1.2M
1Meg
47pF
150V
2.3ns
10 ~ 35pF
NA
CAT II
x10
10Meg
15pF
300V
SP 200B
200MHz
x1
1.2M
1Meg
47pF
150V
1.8ns
10 ~ 35pF
NA
CAT II
x10
10Meg
15pF
300V
SP 250B
250MHz
x1
1.2M
1Meg
47pF
150V
1.4ns
10 ~ 35pF
NA
CAT II
x10
10Meg
14pF
300V
SP 300B
300MHz
x1
1.2M
1Meg
47pF
150V
1.1ns
10 ~ 35pF
NA
CAT II
x10
10Meg
13pF
300V
NON-SWITCHABLE
1P20B
15MHz
x1
1.2M
1Meg
47pF
150V
23ns
NA
P100B
100MHz
x10
1.2M
10Meg
16pF
300V
3.5ns
10 ~ 35pF
NA
CAT II
P100BR
100MHz
x10
1.2M
10Meg
16pF
300V
3.5ns
10 ~ 35pF
Yes
CAT II
P200B
200MHz
x10
1.2M
10Meg
15pF
300V
1.8ns
10 ~ 35pF
NA
CAT II
P250
250MHz
x100
1.2M
100Meg
6.5pF
1,500V
1.4ns
10 ~ 35pF
NA
CAT II
P250R
250MHz
x100
1.2M
100Meg
6.5pF
1,500V
1.4ns
10 ~ 35pF
Yes
CAT II
P250B
250MHz
x10
1.2M
10Meg
14pF
300V
1.4ns
10 ~ 35pF
NA
CAT II
P250BR
250MHz
x10
1.2M
10Meg
14pF
300V
1.4ns
10 ~ 35pF
Yes
CAT II


Similar Part No. - P100B

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P100B4805S HY-LINE-P100B4805S Datasheet
1Mb / 7P
   100 W DC-DC Converter P100B-Series
Rev: 20190820 f
P100B4812S HY-LINE-P100B4812S Datasheet
1Mb / 7P
   100 W DC-DC Converter P100B-Series
Rev: 20190820 f
P100B4815S HY-LINE-P100B4815S Datasheet
1Mb / 7P
   100 W DC-DC Converter P100B-Series
Rev: 20190820 f
P100B4824S HY-LINE-P100B4824S Datasheet
1Mb / 7P
   100 W DC-DC Converter P100B-Series
Rev: 20190820 f
P100B4848S HY-LINE-P100B4848S Datasheet
1Mb / 7P
   100 W DC-DC Converter P100B-Series
Rev: 20190820 f
More results

Similar Description - P100B

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6552 POMONA-6552 Datasheet
65Kb / 2P
   Microline Oscilloscope Probes
5800A POMONA-5800A Datasheet
86Kb / 2P
   General Purpose Oscilloscope Probes
logo
List of Unclassifed Man...
N2893A ETC2-N2893A Datasheet
8Mb / 29P
   InfiniiVision Oscilloscope Probes and Accessories
TDP1500 ETC2-TDP1500 Datasheet
258Kb / 8P
   Differential Probes
logo
TEKTRONIX, INC.
P6248 TEKTRONIX-P6248 Datasheet
529Kb / 10P
   Differential Probes
logo
List of Unclassifed Man...
P6248 ETC2-P6248 Datasheet
552Kb / 10P
   Differential Probes
logo
Pomona Electronics
73040 POMONA-73040 Datasheet
87Kb / 1P
   Accessory Kit for Modular & Microline Passive Oscilloscope Probes
logo
List of Unclassifed Man...
P7350 ETC2-P7350 Datasheet
1Mb / 4P
   High-performance Differential Probes
TMDP0200 ETC2-TMDP0200 Datasheet
338Kb / 6P
   High-voltage Differential Probes
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
   Oscilloscope Probe
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com