Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB140DS48 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB140DS48
Description  140MHz SAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS48 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS48 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 3Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 4Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 5Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 6Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 7Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 8Page - SIPAT Co,Ltd LB140DS48 Datasheet HTML 9Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS48
Rev. Date
2010-06-25
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
3.1
Page 3/9
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
140MHz SAW Filter
40MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LB140DS48
Matching Configuration(balance)
L1=82nH L2=56nH
C1=C2=C3=C4=33pF
Source/Load Impedance=200 ohm
Notes - Component values may change depending
on board layout.
Package Dimension(balance)
Package: SMD3.8*3.8
Unit: mm
Pad Configuration:
Input:
1,2
Output:
5,6
Ground: 3,4,7,8
Marking Configuration:
1) •: Pad Number 1 Index
2) SIPAT: Manufacturer Name
3) 140DS48: Part Number
4) XXYY: Date(Year/month)
5) ZZ: Identified Code
INPUT
OUTPUT
200
200
L1
C1
C2
C3
balanced
balanced
GND
L2
1:4
4:1
C4
3.80 0.15
140DS48
XXYYZZ
8
4
4
8
1.00 0.15
SIPAT


Similar Part No. - LB140DS48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS48 SIPAT-LB140DS48 Datasheet
367Kb / 9P
   140MHz SAW Filter 40MHz Bandwidth
More results

Similar Description - LB140DS48

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS13 SIPAT-LB140DS13 Datasheet
152Kb / 3P
   140MHz SAW Filter
LB140DS47 SIPAT-LB140DS47 Datasheet
153Kb / 3P
   140MHz SAW Filter
LBN140A74 SIPAT-LBN140A74 Datasheet
366Kb / 4P
   140MHz SAW Filter
LBN140A77 SIPAT-LBN140A77 Datasheet
324Kb / 3P
   140MHz SAW Filter
LBN140A05 SIPAT-LBN140A05 Datasheet
150Kb / 3P
   140MHz SAW Filter
LBN140A06 SIPAT-LBN140A06 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A19 SIPAT-LBN140A19 Datasheet
149Kb / 3P
   140MHz SAW Filter
LBN140A35 SIPAT-LBN140A35 Datasheet
152Kb / 3P
   140MHz SAW Filter
LBN140A38 SIPAT-LBN140A38 Datasheet
151Kb / 3P
   140MHz SAW Filter
LBN140A51 SIPAT-LBN140A51 Datasheet
151Kb / 3P
   140MHz SAW Filter
logo
Golledge Electronics Lt...
MP03218 GOLLEDGE-MP03218 Datasheet
79Kb / 4P
   SAW Filter 140MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com