Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB140DS04 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LB140DS04
Description  140MHz High-Loss SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LB140DS04 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LB140DS04 Datasheet HTML 1Page - SIPAT Co,Ltd LB140DS04 Datasheet HTML 2Page - SIPAT Co,Ltd LB140DS04 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LB140DS04
Rev. Date
2005-1-10
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz High-Loss SAW Filter
3.5MHz Bandwidth
Part Number:
LB140DS04
Typical Performance
Frequency Respond
Passband Respond
128
131
134
137
140
143
146
149
152
-81.9674
-71.9674
-61.9674
-51.9674
-41.9674
-31.9674
-21.9674
-11.9674
136
137
138
139
140
141
142
143
144
145
-16
-15
-14
-13
-12
-11
-10
-9
Type performance
Frequency(MHz)
F0± 2MHz Group delay Variation
F0± 2MHz Phase Linearity
Simth Chart S11
Simth Chart S22


Similar Part No. - LB140DS04

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS04 SIPAT-LB140DS04 Datasheet
281Kb / 3P
   140MHz High-Loss SAW Filter 3.5MHz Bandwidth
More results

Similar Description - LB140DS04

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS25 SIPAT-LB140DS25 Datasheet
304Kb / 3P
   140MHz Low-loss SAW Filter
LB140DS15 SIPAT-LB140DS15 Datasheet
158Kb / 4P
   140MHz Low-loss SAW Filter
LB140DS23 SIPAT-LB140DS23 Datasheet
294Kb / 3P
   140MHz Low-loss SAW Filter
LB140DS16 SIPAT-LB140DS16 Datasheet
153Kb / 3P
   140MHz Low-loss SAW Filter
LB140DS22 SIPAT-LB140DS22 Datasheet
158Kb / 3P
   140MHz Low-loss SAW Filter
LB140DS24 SIPAT-LB140DS24 Datasheet
288Kb / 3P
   140MHz Low-loss SAW Filter
LBS14059 SIPAT-LBS14059 Datasheet
147Kb / 4P
   140MHz High-Loss SAW Filter 0.26MHz Bandwidth
LBN14060 SIPAT-LBN14060 Datasheet
150Kb / 4P
   140MHz High-Loss SAW Filter 35.05MHz Bandwidth
LBS14063 SIPAT-LBS14063 Datasheet
149Kb / 3P
   140MHz High-Loss SAW Filter 1MHz Bandwidth
LB140DS04 SIPAT-LB140DS04 Datasheet
281Kb / 3P
   140MHz High-Loss SAW Filter 3.5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com