Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD0603E002M05 Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # ESD0603E002M05
Description  Surface Mount Polymer ESD Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

ESD0603E002M05 Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  ESD0603E002M05 Datasheet HTML 1Page - Socay Electornics Co., Ltd. ESD0603E002M05 Datasheet HTML 2Page - Socay Electornics Co., Ltd. ESD0603E002M05 Datasheet HTML 3Page - Socay Electornics Co., Ltd. ESD0603E002M05 Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Polymer ESD Suppressors
Low Capacitance
Revision November 28, 2013
2 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
ESD0402E - ESD0603E
SOCAY Electronics Co., Ltd.
www.socay.com
(1) Series Type: ESD Guard
TM
Series
(2) Chip Size (EIA): 0402 / 0603
(3) Series Type: EMI / ESD Protection
(4) Capacitance: Value - Exxx, E002=0.2pF
(5) Capacitance Tolerance: N -
±30%, M - ±20%
(6) Rated Voltage, VDC
Substrate
Ceramic (Alumina)
Symbol
0201
0402
0603
Encapsulate
Polymer
L
0.63
±0.05
1.00
±0.10
1.60
±0.1
End termination
Ag / Ni / Sn
W
0.30
±0.03
0.50
±0.10
0.85
±0.15
H
0.23
±0.05
0.34
±0.10
0.51
±0.05
B
0.165
±0.05
0.20
±0.15
0.30
±0.20
A
0.35
±0.05
0.50
±0.10
0.75
±0.10
C
0.35
±0.05
0.50
±0.10
0.75
±0.10
D
0.35
±0.05
0.50
±0.10
0.75
±0.10
Explanation of Part Number
Construction & Dimensions
Unit: mm
Recommended pad outline
ESD
0402
E
002
M
05
(1)
(2)
(3)
(4)
(5)
(6)


Similar Part No. - ESD0603E002M05

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD0603E002M05 SOCAY-ESD0603E002M05 Datasheet
184Kb / 4P
   Surface Mount Polymer ESD Suppressors
More results

Similar Description - ESD0603E002M05

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
ESD0201LC05N15 SOCAY-ESD0201LC05N15 Datasheet
159Kb / 4P
   Surface Mount Polymer ESD Suppressors
ESD0402LC05N15 SOCAY-ESD0402LC05N15 Datasheet
166Kb / 4P
   Surface Mount Polymer ESD Suppressors
ESD0201E002N00 SOCAY-ESD0201E002N00 Datasheet
153Kb / 4P
   Surface Mount Polymer ESD Suppressors
ESD0603E002M05 SOCAY-ESD0603E002M05 Datasheet
184Kb / 4P
   Surface Mount Polymer ESD Suppressors
ESD0201E002N05 SOCAY-ESD0201E002N05 Datasheet
161Kb / 4P
   Surface Mount Polymer ESD Suppressors
logo
Littelfuse
PGB102ST23WR LITTELFUSE-PGB102ST23WR Datasheet
164Kb / 2P
   PulseGuard Suppressors - Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402 Datasheet
699Kb / 4P
   Surface Mount Polymeric ESD Suppressors
PGB2010402KRHF LITTELFUSE-PGB2010402KRHF Datasheet
556Kb / 5P
   Surface Mount Polymeric ESD Suppressors
PGB1010603MRHF LITTELFUSE-PGB1010603MRHF Datasheet
239Kb / 4P
   PulseGuard짰 Suppressors Surface Mount Polymeric ESD Suppressors
PGB1010402 LITTELFUSE-PGB1010402_11 Datasheet
466Kb / 4P
   Surface Mount Polymeric ESD Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com