Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC200L-O-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TC200L-O-T92-B
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TC200L-O-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  TC200L-O-T92-B Datasheet HTML 1Page - Unisonic Technologies TC200L-O-T92-B Datasheet HTML 2Page - Unisonic Technologies TC200L-O-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TC200
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R201-087.a
ABSOLUTE MAXIMUM RATINGS (T
A=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Emitter Current
IE
-500
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
A =25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VCB=50V, IE=0
0.1
µA
Emitter Cut-Off Current
IEBO
VEB=5V, IC=0
0.1
µA
DC Current Gain
hFE1
VCE=2V, IC=50mA
70
240
hFE2
VCE=2V, IC=200mA
25
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
0.25
V
Base-Emitter Voltage
VBE
VCE=2V, IC=200mA
1.0
V
Current Gain Bandwidth Product
fT
VCE=6V, IC=20mA
300
MHz
Output Capacitance
Cob
VCB=6V, IE=0, f=1MHz
7.0
pF
CLASSIFICATION OF hFE1
RANK
O
Y
hFE1
70 ~ 140
120 ~ 240


Similar Part No. - TC200L-O-T92-B

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2001 TRIPATH-TC2001 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
List of Unclassifed Man...
TC2002A ETC-TC2002A Datasheet
121Kb / 1P
   EXTERNAL DIMENSIONS AND DISPLAY PATTERN
TC2002AL ETC-TC2002AL Datasheet
121Kb / 1P
   EXTERNAL DIMENSIONS AND DISPLAY PATTERN
logo
MORNSUN Science& Techno...
TC200PW MORNSUN-TC200PW Datasheet
574Kb / 4P
   Programmable Thermocouple isolators
More results

Similar Description - TC200L-O-T92-B

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com