Electronic Components Datasheet Search |
|
91378-1 Datasheet(PDF) 6 Page - Tyco Electronics |
|
91378-1 Datasheet(HTML) 6 Page - Tyco Electronics |
6 / 32 page 6 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Backplane Connector Straight, Compliant Press-fit, Part Number 1766501-1 (tin plated pcb tails) Part Number 1766501-2 (tin-lead pcb tails) Straight, 22-Position, Compliant Press-fit Part Number 1766503-1 (tin plated pcb tails) Part Number 1766503-2 (tin-lead pcb tails) Material and Finish Insulators — Thermoplastic, glass reinforced, black, UL94V-0 Signal Pins — Copper alloy Power Contacts — High conductivity copper alloy, plated 0.0076 [.000030] min. gold in mating area Solder tails — 0.0030 - 0.0043 [.000120 - .000170] tin plated Notes: 1. Mounting Holes (Ø2.00 [.079] x 5.00 [.197] DP) for use with self tapping screw (customer supplied). 2. Positions 1–4 not populated and reserved for future use. 46.10 [1.815] Ref. 22.20 [.874] 5.30 [.207] 33 30 28 25 21 17 13 24 20 16 1 4 34 31 32 27 29 26 See Note 2 See Note 1 20.90 [.823] Max. 4.60 [.180] Front Board Connector Right Angle, Compliant Press-fit Part Number 1766500-1 (tin plated pcb tails) Part Number 1766500-2 (tin-lead pcb tails) Right Angle Plug, 22-Position, Compliant Press-fit Part Number 1766502-1 (tin plated pcb tails) Part Number 1766502-2 (tin-lead pcb tails) Material and Finish Insulators — Thermoplastic, glass reinforced, black, UL94V-0 Signal Pins — Copper alloy Power Contacts — High conductivity copper alloy, plated 0.00076 [.000030] min. gold in mating area Solder Tails — 0.0030 - 0.0043 [.000120 - .000170] tin plated Notes: 1. Mounting Holes (Ø 2.00 [.079] x 5.00 [.197] DP) for use with self tapping screw (customer supplied). 2. Positions 1–4 not populated and reserved for future use. 46.10 [1.815] Ref. 41.30 [1.626] Max. 18.65 [.734] 33 30 28 25 21 17 13 24 20 16 1 4 34 31 32 27 29 26 See Note 1 See Note 2 20.90 [.823] Max. 4.60 [.180] 5.30 [.207] AdvancedTCA Zone 1 Connector (Continued) Note: Part Numbers are RoHS compliant except: Indicates “5 of 6 compliant” (lead in solderable interface only). |
Similar Part No. - 91378-1 |
|
Similar Description - 91378-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |