Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EC002643 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # EC002643
Description  PCB terminal block - MKDSP 25/ 3-15,00 - 1932591
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC002643 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EC002643 Datasheet HTML 1Page - PHOENIX CONTACT EC002643 Datasheet HTML 2Page - PHOENIX CONTACT EC002643 Datasheet HTML 3Page - PHOENIX CONTACT EC002643 Datasheet HTML 4Page - PHOENIX CONTACT EC002643 Datasheet HTML 5Page - PHOENIX CONTACT EC002643 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/1932591
12/24/13   Page 1 / 6
PCB terminal block - MKDSP 25/ 3-15,00 - 1932591
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
PCB terminal block, Nominal current: 125 A, Nom. voltage: 1000 V, Pitch: 15 mm, Number of positions: 3,
Connection method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color:
green, For PCB mounting, please note that the conductor tractive forces directly beside the PCB terminal blocks
are absorbed by bolts fastened to the housing of the device.
The figure shows a 5-pos. version of
the product
Product Features
 Integrated test connection
 High-capacity PCB terminal blocks with screw connection up to 35 mm² conductor cross section and a current carrying capacity of 125 A
 Unlimited 600 V UL approval
 Integrated protective guide
Key commercial data
Packing unit
1 pc
Minimum order quantity
25 pc
Weight per Piece (excluding packing)
66.048 GRM
Custom tariff number
85369010
Country of origin
Bulgaria
Technical data
Dimensions
Length
31 mm
Pitch
15 mm
Dimension a
30 mm
Pin dimensions
1,2 x 1,2 mm
Hole diameter
1.6 mm
General
Range of articles
MKDSP 25
Insulating material group
I


Similar Part No. - EC002643

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC002643 PHOENIX-EC002643 Datasheet
51Kb / 3P
   PCB terminal block - DMKDS 2,5 BK
EC002643 PHOENIX-EC002643 Datasheet
58Kb / 5P
   PCB terminal block - PT 1,5/14-5,0-H BK
EC002643 PHOENIX-EC002643 Datasheet
57Kb / 4P
   PCB terminal block - FFKDSA1/H1-7,62 BK
EC002643 PHOENIX-EC002643 Datasheet
101Kb / 4P
   PCB terminal block - SPT-THR 1,5/ 6-H-3,81 P20 R44
EC002643 PHOENIX-EC002643 Datasheet
89Kb / 4P
   PCB terminal block - PT 2,5/ 3-7,5-H BK
More results

Similar Description - EC002643

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1728811 PHOENIX-1728811 Datasheet
46Kb / 3P
   PCB terminal block - MKDSP 25/ 3-15,00 BD:NZ
1932614 PHOENIX-1932614 Datasheet
172Kb / 12P
   PCB terminal block - MKDSP 25/ 5-15,00
09/12/2020
1932627 PHOENIX-1932627 Datasheet
551Kb / 17P
   PCB terminal block - MKDSP 25/ 6-15,00
Jan 10, 2023
1728714 PHOENIX-1728714 Datasheet
46Kb / 3P
   PCB terminal block - MKDSP 25/ 5-15,00 BD:NZ
1932504 PHOENIX-1932504 Datasheet
85Kb / 5P
   PCB terminal block - MKDSP 25/ 3-15.00-F
1714036 PHOENIX-1714036 Datasheet
89Kb / 7P
   PCB terminal block - MKDSP 3/ 3
1932588 PHOENIX-1932588 Datasheet
94Kb / 6P
   PCB terminal block - MKDSP 25/ 2-15.00
1932601 PHOENIX-1932601 Datasheet
94Kb / 6P
   PCB terminal block - MKDSP 25/ 4-15.00
1730023 PHOENIX-1730023 Datasheet
126Kb / 6P
   PCB terminal block - MKDSP 1,5/ 3
1714735 PHOENIX-1714735 Datasheet
149Kb / 8P
   PCB terminal block - MKDSP 3/ 3-5,08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com