Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF13N50 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # IRF13N50
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF13N50 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  IRF13N50 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF13N50 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
N-Channel Power MOSFET
Nell High Power Products
IRF13N50 Series
(14A, 500Volts)
The Nell IRF13N50 are N-channel enhancement mode
silicon gate power field effect transistors.
DESCRIPTION
Low reverse transfer capacitance
(C
= 11pF typical)
RSS
R
= 0.45Ω @ V
= 10V
DS(ON)
GS
Ultra low gate charge(81nC max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
150°C operation temperature
FEATURES
PRODUCT SUMMARY
I (A)
D
14
V
(V)
DSS
500
0.45 @ V
= 10V
GS
81
R
(Ω)
DS(ON)
Q (nC) max.
G
UNIT
V /ns
V
W /°C
A
mJ
ºC
-55 to 150
VALUE
14
9.1
500
±30
56
500
250
9.2
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
V
=10V,
GS
T =25°C
C
V
=10V,
GS
T =100°C
C
Operation junction temperature
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current (Note 1)
Continuous Drain Current
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage(Note 1)
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
10 (1.1)
1.6mm from case
IAR
Repetitive avalanche current (Note 1)
14
T =25°C
C
25
Repetitive avalanche energy(Note 1)
EAR
1.9
Derating factor above 25
°C
www.nellsemi.com
Page 1 of 7
They are designed as an extremely efficient and
device for use in a wide variety of applications
power bipolar switching transistors
reliable
such as
SMPS, UPS, convertors, motor drivers and drivers for high
requiring high speed
and low gate drive power.
EAS
Single pulse avalanche energy (Note 2)
I
=14A, R
=50Ω, V
=10V
AR
GS
GS
I
=14A, L=5.7mH
AS
560
mJ
Note:
1.Repetitive rating: pulse width limited by junction temperature.
2
.V
=50V, L=5.7mH, I
=14A, R =25Ω, dV/dt=7.6 V/ns, starting T =25˚C
DD
AS
G
J
3
.I
≤ 14A, di/dt ≤ 250A/µs, V
V
, T
150°C.
SD
DD
(BR)DSS
J
W
They are designed, tested and guaranteed to withstand
level of energy in breakdown avalanche made of operation.
These transistors can be operated directly from
integrated circuits.
(IRF13N50A)
TO-220AB
D
S
G
D
D (Drain)
G
(Gate)
S (Source)


Similar Part No. - IRF13N50

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF130 SEME-LAB-IRF130 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF130 FAIRCHILD-IRF130 Datasheet
180Kb / 6P
   N-Channel Power MOSFETs, 20 A, 60-100 V
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
More results

Similar Description - IRF13N50

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com