Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50N06 Datasheet(PDF) 9 Page - Nell Semiconductor Co., Ltd

Part # 50N06
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

50N06 Datasheet(HTML) 9 Page - Nell Semiconductor Co., Ltd

  50N06 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd 50N06 Datasheet HTML 9Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SEMICONDUCTOR
www.nellsemi.com
Page 9 of 9
Case Style
ITO-220AB
2
1
3
3.3
3.1
13.7
13.5
All dimensions in millimeters
16.0
15.8
2.8
2.6
0.48
0.44
2.54
TYP
0.9
0.7
2.54
TYP
16.4
15.4
7.1
6.7
3.7
3.2
10.6
10.4
4.8
4.6
10°
2.85
2.65
3.4
3.1
RoHS
RoHS
50N06 Series
Nell High Power Products
D (Drain)
G
(Gate)
S (Source)


Similar Part No. - 50N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
50N06 WXDH-50N06 Datasheet
808Kb / 10P
   50A 60V N-channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
330Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
50N06 VBSEMI-50N06 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Unisonic Technologies
50N06 UTC-50N06 Datasheet
345Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 50N06

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com