Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13N60 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 13N60
Description  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

13N60 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  13N60 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 13N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 13N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 13N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 13N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 13N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 13N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 13N60 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
UNIT
Min.
1.07
3.7
THERMAL RESISTANCE
PARAMETER
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Typ.
Max.
ºC/W
62.5
Thermal resistance, junction to ambient
Rth(j-a)
UNIT
V
ns
μA
pF
10
Max.
100
600
0.24
-100
100
0.73
1325
3
14.5
10.5
45
50
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise specified)
C
I = 1mA,
D
V
= 0V
GS
TEST CONDITIONS
I = 1
A,
D
m
V
=V
DS
GS
V
=600V, V
=0V
DS
GS
T = 25°C
C
Fall time
Gate to source reverse leakage current
Input capacitance
Output capacitance
PARAMETER
Rise time
Gate to source forward leakage current
Turn-on delay time
Reverse transfer capacitance
Breakdown voltage temperature coefficient
Drain to source breakdown voltage
Turn-off delay time
SYMBOL
CISS
V
/
(BR)DSS
TJ
V(BR)DSS
IGSS
tr
tf
Drain to source leakage current
IDSS
COSS
CRSS
td(ON)
td(OFF)
V/ºC
Ω
nA
T =125°C
C
Typ.
Min.
0.26
10
V
= 380V,
DD
(Note1,2)
V
= 10V
GS
I = 6.5A, R =4.7Ω
D
G
V
= 100V, V
= 0V, f =1MHz
DS
GS
V
= -30V, V
= 0V
GS
DS
V
= 30V, V
= 0V
GS
DS
Static drain to source on-state resistance
RDS(ON)
V
= 10V, l = 6.5A
GS
D
V
=480V, V
=0V
DS
GS
2
V
4
V
=V
, I =250μA
GS
DS
D
Gate threshold voltage
VGS(TH)
TO-220AB
TO-220F
TO-220AB
TO-220F
62.5
ºC/W
OFF CHARACTERISTICS
ON CHARACTERISTICS
DYNAMIC CHARACTERISTICS
1765
65
5
ESR
Equivalent series resistance (G-S)
Drain open
2.8
SWITCHING CHARACTERISTICS
30
39
31.5
100
www.nellsemi.com
Page 2 of 8
V
= 380V,
DD
(Note1,2)
V
= 10V
GS
I = 6.5A,
D
13N60 Series
gfs
Forward transconductance
V
=40V, I =6.5A
DS
D
S
16.3
COSS
C
eff
OSS
Output capacitance
Effective output capacitance
V
= 380V, V
= 0V, f =1MHz
DS
GS
V
= 0 to 480V, V
= 0V
DS
GS
145
30
QG
QGS
QGD
Total gate charge
Gate to source charge
Gate to drain charge (Miller charge)
30.5
6.0
9.5
nC
40


Similar Part No. - 13N60

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
13N60E VBSEMI-13N60E Datasheet
1Mb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - 13N60

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com