Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N80 Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 6N80
Description  N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6N80 Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  6N80 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 6N80 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
www.nellsemi.com
Page 6 of 8
6N80 Series
■ TEST CIRCUITS AND WAVEFORMS
Fig.1A Peak diode recovery dv/dt test circuit
Fig.1B Peak diode recovery dv/dt waverforms
D.U.T.
+
-
+
-
VDS
RG
VGS
VDD
Same Type
as D.U.T.
Driver
dv/dt controlled by R
*
G
l
controlled by pulse period
* SD
D.U.T.-Device under test
*
L
Period
P.W.
VGS
(Driver)
P.W.
Period
VDD
lSD
(D.U.T.)
(D.U.T.)
VDS
Body Diode
Forward Voltage Drop
Body Diode Recovery dv/dt
Body Diode Reverse Current
lRM
di/dt
l
, Body Diode forward current
FM
V
=10V
GS
(D.U.T
D=
Fig.2A Switching test circuit
10V
D.U.T.
RL
VDS
VGS
RG
VDD
Pulse Width ≤ 1µs
Duty Factor ≤ 0.1%
Fig.2B Switching Waveforms
VDS
VGS
90%
10%
td(ON)
tR
td(OFF)
tF
Fig.3A Gate charge test circuit
Fig.3B Gate charge waveform
Same Type as
D.U.T.
VDS
D.U.T.
3mA
VGS
0.3µF
50kΩ
0.2µF
12V
QG
QGS
QGD
10V
VGS
Charge


Similar Part No. - 6N80

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
6N80 IXYS-6N80 Datasheet
87Kb / 4P
   N-Channel Enhancement Mode
logo
Unisonic Technologies
6N80 UTC-6N80 Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
6N80 UTC-6N80 Datasheet
199Kb / 6P
   6A, 800V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
6N80 ISC-6N80 Datasheet
61Kb / 2P
   Simple Drive Requirements
6N80 ISC-6N80 Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 6N80

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com