Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N60 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 3N60
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

3N60 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  3N60 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd 3N60 Datasheet HTML 9Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Note:
1.Repetitive rating: pulse width limited by junction temperature.
UNIT
Min.
100
2.5
62.5
1.7
THERMAL RESISTANCE
TO-251/ TO-252
TO-220AB
TO-251/TO-252
TO-220F
PARAMETER
Thermal resistance, junction to ambient
Thermal resistance, junction to case
SYMBOL
Rth(j-c)
Rth(j-a)
Typ.
Max.
ºC/W
2
.I
= 3A, V
= 50V, L = 64mH, R
= 25Ω, starting T =25°C.
AS
DD
GS
J
www.nellsemi.com
Page 2 of 9
3
.I
≤ 3A, di/dt ≤ 200A/µs, V
V
, starting T =25°C.
SD
DD
(BR)DSS
J
3N60 Series
62.5
TO-220AB
3.7
TO-220F
UNIT
V /ns
V
W
A
mJ
ºC
-55 to 150
VALUE
3
1.86
600
±30
200
12
600
50
75
4.5
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
T =25°C
C
T =100°C
C
Operation junction temperature
Single pulse avalanche energy (Note
2)
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current(Note 1)
Continuous Drain Current
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
EAS
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
TO-251/ TO-252
TO-220AB
10 (1.1)
1.6mm from case
IAR
Avalanche current(Note
1)
3
I
=3A, L = 64mH
AS
T =25°C
C
7.5
Repetitive avalanche energy(Note
1)
EAR
I
=3A, R
=50Ω, V
=10V
AR
GS
GS
TO-220F
34


Similar Part No. - 3N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
3N60 ISC-3N60 Datasheet
49Kb / 2P
   Fast Switching
More results

Similar Description - 3N60

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com