Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2611 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 2SK2611
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SK2611 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  2SK2611 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 2SK2611 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
www.nellsemi.com
Page 3 of 6
ORDERING INFORMATION SCHEME
2SK
2611
MOSFET series
N-Channel, Toshiba series
Current & Voltage rating, lD & VDS
9A / 900V
10
8
6
4
2
0
0
16
12
20
4
8
20
16
12
8
4
0
0
40
80
120
160
200
20
16
12
8
4
0
0
2
4
6
8
10
Common source
V
=50V
DS
Pulse test
20
16
12
4
8
0
0
4
8
12
16
20
T = -55°C
C
25°C
100°C
2SK2611 Series
Common source
T =25°C
C
Pulse test
V
= 4.5V
GS
4.7V
5V
5.25V
5.5V
10V
15V
Common source
T =25°C
C
Pulse test
5V
V
= 4V
GS
5.5V
6V
10V
15V
8V
Common source
T =25°C
C
Pulse test
l = 8A
D
4A
2A
Fig.1 Typical output characteristics,
T =25°C
C
Fig.2 Typical output characteristics,
T =25°C
C
Drain-source voltage, V
(V)
DS
Drain-source voltage, V
(V)
DS
Fig.4 Drain-source voltage vs. gate-source
voltage and drain current
Fig.3 Typical transfer characteristics
Gate-source voltage, V
(V)
GS
Gate-source voltage, V
(V)
GS


Similar Part No. - 2SK2611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2611 TOSHIBA-2SK2611 Datasheet
287Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2611 TOSHIBA-2SK2611 Datasheet
701Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2611 TOSHIBA-2SK2611 Datasheet
421Kb / 6P
   DC−DC Converter, Relay Drive and Motor Drive
2SK2611 TOSHIBA-2SK2611 Datasheet
414Kb / 6P
   DC?묭C Converter, Relay Drive and Motor Drive
logo
Inchange Semiconductor ...
2SK2611 ISC-2SK2611 Datasheet
205Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - 2SK2611

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com