Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

63650-1 Datasheet(PDF) 9 Page - Tyco Electronics

Part # 63650-1
Description  FASTON Printed Circuit Board Tabs and Receptacles
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

63650-1 Datasheet(HTML) 9 Page - Tyco Electronics

  63650-1 Datasheet HTML 1Page - Tyco Electronics 63650-1 Datasheet HTML 2Page - Tyco Electronics 63650-1 Datasheet HTML 3Page - Tyco Electronics 63650-1 Datasheet HTML 4Page - Tyco Electronics 63650-1 Datasheet HTML 5Page - Tyco Electronics 63650-1 Datasheet HTML 6Page - Tyco Electronics 63650-1 Datasheet HTML 7Page - Tyco Electronics 63650-1 Datasheet HTML 8Page - Tyco Electronics 63650-1 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
51
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Printed Circuit Board Tabs and Receptacles (Continued)
FASTON Terminals (Insulated and Uninsulated)
Vertical Orientation
A
.587
[14.90]
.504
[12.80]
Right-Angle Orientation
A
.504
[12.80]
.705
[17.90]
.587
[14.90]
.660
[16.70]
PCB Layout
(Ref.) from Component Side
.098
[2.50]
.197
[5.00]
.049
[1.25]
.252
[6.40]
.049
[1.25]
Ø .098
[2.50]
PCB Tab Position 1
Hole for
Polarizing Peg
(Applies to Vertical Orientation Only)
Typ.
Typ.
.197
[5.00]
Typ.
Ø .053 ± .001
[1.35 ± 0.05]
Edge of PCB
(Applies to Right-Angle Orientation only)
.394
[10.00]
FASTON RAST 5 Tab Header
Assembly, 250 Series
(Continued)
No. of
RAST 5
Part Numbers
Positions
Configuration
Dim. A
Vertical
Right-Angle
02-A
.484 [12.30]
521382-2
521384-2
02-C
.484 [12.30]
2-521382-2
2-521384-2
2
02-E
.484 [12.30]
3-521382-2
3-521384-2
02-I
.484 [12.30]
5-521382-2
5-521384-2
03-A
.681 [17.30]
521382-3
521384-3
3
03-B
.681 [17.30]
1-521382-3
1-521384-3
03-D
.681 [17.30]
2-521382-3
2-521384-3
03-K
.681 [17.30]
4-521382-3
04-A
.878 [22.30]
521382-4
521384-4
4
04-B
.878 [22.30]
1-521382-4
1-521384-4
04-F
.878 [22.30]
3-521382-4
3-521384-4
04-G
.878 [22.30]
4-521382-4
4-521384-4
5
05-B
1.075 [27.30]
521382-5
521384-5
6
06-A
1.272 [32.30]
521382-6
521384-6
06-D
1.272 [32.30]
1-521382-6
1-521384-6
7
07-C
1.469 [37.30]
521382-7
521384-7
8
08-D
1.665 [42.30]
521382-8
521384-8
08-C
1.665 [42.30]
2-521382-8
2-521384-8
Refer to the TE Customer Drawing for additional details and specific keying patterns.
For more information related to the RAST 5 Standard, see TE Literature Distribution no. 1308243.
Available variations include: silver plated tabs, DIN style tabs, and Glow Wire housings.
RAST 5 headers mate to the following product families: AMP multifitting MKII, RAST 5 Positive Lock MKIII,
AMP Standard Timer and AMP Standard Power Timer.
Note: All part numbers are RoHS compliant.


Similar Part No. - 63650-1

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6365 POMONA-6365 Datasheet
25Kb / 1P
   Sheathed Style DMM?셲
logo
Heyco.
6365 HEYCO-6365 Datasheet
137Kb / 1P
   Male/Female Combination Terminals - 27 Gauge
logo
List of Unclassifed Man...
6365-45 ETC2-6365-45 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6365-47 ETC2-6365-47 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
6365-49 ETC2-6365-49 Datasheet
64Kb / 2P
   438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 63650-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Amphenol Corporation
BNC75OHM AMPHENOL-BNC75OHM Datasheet
300Kb / 2P
   Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Amphenol Corporation
BNC50OHM AMPHENOL-BNC50OHM Datasheet
305Kb / 2P
   Standard Height 50 ohm BNC Printed Circuit Board Right Angle Bulkhead Receptacles
logo
Maxim Integrated Produc...
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
   fully assembled and tested printed circuit board
Rev 3; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com