Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8120 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS8120
Description  5V, 300mA Linear Regulator with and ENABLE RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8120 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS8120 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8120 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
-35
-40
-45
-50
0
100
200
300
400
500
-30
-25
-20
-15
-10
-5
0
-40
° C
25 ° C
125
° C
IOUT (mA)
VIN =14V
Load Regulation vs. Output Current Over Temperature
5.02
5.01
5
4.99
4.98
4.97
4.96
4.95
-40 -20
0
20
40
60 80 100 120 140 150
Junction Temperature (
°C)
5.00V @25
°C
IOUT = 100mA
Output Voltage vs. Temperature
0
-10
0
50
100 150 200 250 300 350 400 450 500
10
20
30
40
50
-40
° C
125
° C
IOUT (mA)
25
°C
VIN = 7 to 25V
Line Regulation vs. Output Current Over Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
Output Current (mA)
-40
°C
25
°C
125
°C
50
100
350
150
200
250
300
Dropout Voltage vs. Output Current Over Temperature
3
Typical Performance Characteristics
Package Lead Description
PACKAGE LEAD #
LEAD SYMBOL
FUNCTION
5 Lead
8 Lead 14 Lead SO 5 Lead D2
TO-220
PDIP
Narrow
PAK
12
1
1
VIN
Supply voltage to IC, usually direct from the battery.
2
4
5
2
CMOS compatible logical input. VOUT is disabled i.e.
placed in a high impedance state when
is high.
3
8
13
3
Gnd
Ground connection.
4
6
10
4
CMOS compatible output lead.
goes low when-
ever VOUT falls out of regulation. The
delay is
externally programmed.
51
14
5
VOUT
Regulated output voltage, 5V (typ).
N/A
7
12
SENSE
Kelvin Connection which allows remote sensing of out-
put voltage for improved regulation. If remote sensing is
not desired, connect to VOUT.
3, 5
2,3,4,
NC
No connection
6,7,8,9,11
RESET
RESET
RESET
ENABLE
ENABLE


Similar Part No. - CS8120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8120 ONSEMI-CS8120 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YD14 ONSEMI-CS8120YD14 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDP5 ONSEMI-CS8120YDP5 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDPR5 ONSEMI-CS8120YDPR5 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
CS8120YDR14 ONSEMI-CS8120YDR14 Datasheet
121Kb / 14P
   5.0 V, 300 mA Linear Regulator with RESET and ENABLE
January, 2004 ??Rev. 8
More results

Similar Description - CS8120

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS5111 CHERRY-CS5111 Datasheet
188Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
logo
E-CMOS Corporation
EC49513A E-CMOS-EC49513A Datasheet
1Mb / 24P
   300mA Linear Regulator with Enable And Fast Discharge Function
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Cherry Semiconductor Co...
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
   5V, 750mA Linear Regulator with RESET
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com