Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3843BN Datasheet(PDF) 13 Page - Motorola, Inc

Part # UC3843BN
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

UC3843BN Datasheet(HTML) 13 Page - Motorola, Inc

Back Button UC3843BN Datasheet HTML 8Page - Motorola, Inc UC3843BN Datasheet HTML 9Page - Motorola, Inc UC3843BN Datasheet HTML 10Page - Motorola, Inc UC3843BN Datasheet HTML 11Page - Motorola, Inc UC3843BN Datasheet HTML 12Page - Motorola, Inc UC3843BN Datasheet HTML 13Page - Motorola, Inc UC3843BN Datasheet HTML 14Page - Motorola, Inc UC3843BN Datasheet HTML 15Page - Motorola, Inc UC3843BN Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
UC3842B, 43B UC2842B, 43B
13
MOTOROLA ANALOG IC DEVICE DATA
Figure 28. Bipolar Transistor Drive
Figure 29. Isolated MOSFET Drive
Figure 30. Latched Shutdown
Figure 31. Error Amplifier Compensation
6(10)
5(8)
3(5)
RS
Q1
Vin
C1
Base Charge
Removal
The totem pole output can furnish negative base current for enhanced transistor
turn–off, with the addition of capacitor C1.
S
R
5.0V Ref
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
IB
+
0
Vin
Isolation
Boundary
VGS Waveforms
+
0
+
0
50% DC
25% DC
Ipk +
V(Pin1) * 1.4
3RS
NS
Np
Comp/Latch
7(12)
R
C
NS
NP
+
+
Bias
+
Osc
R
R
R
2R
EA
5(9)
1(1)
2(3)
4(7)
8(14)
The MCR101 SCR must be selected for a holding of < 0.5 mA @ TA(min). The simple two transistor circuit can
be used in place of the SCR as shown. All resistors are 10 k.
MCR
101
2N
3905
2N
3903
+
R
2R
1.0mA
EA
2(3)
5(9)
2.5V
1(1)
Rf
Cf
Rd
Ri
From VO
Error Amp compensation circuit for stabilizing any current mode topology except for boost and flyback
converters operating with continuous inductor current.
Rf ≥ 8.8 k
+
R
2R
1.0mA
EA
2(3)
5(9)
2.5V
1(1)
Rf
Cf
Rd
Rp
From VO
Error Amp compensation circuit for stabilizing current mode boost and flyback
topologies operating with continuous inductor current.
Cp
Ri
1.0 mA


Similar Part No. - UC3843BN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3843BN STMICROELECTRONICS-UC3843BN Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3843BN STMICROELECTRONICS-UC3843BN Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3843BN ONSEMI-UC3843BN Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
logo
STMicroelectronics
UC3843BN STMICROELECTRONICS-UC3843BN Datasheet
239Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3843BNG ONSEMI-UC3843BNG Datasheet
370Kb / 21P
   High Performance Current Mode Controllers
February, 2007 ??Rev. 9
More results

Similar Description - UC3843BN

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34129EF FREESCALE-MC34129EF Datasheet
444Kb / 16P
   high performance current mode controllers
logo
ON Semiconductor
UC3844BNG ONSEMI-UC3844BNG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BDR2G ONSEMI-UC3845BDR2G Datasheet
387Kb / 19P
   High Performance Current Mode Controllers
December, 2012 ??Rev. 11
UC3845BVDG ONSEMI-UC3845BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3845BVDR2G ONSEMI-UC3845BVDR2G Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
UC3844BVDG ONSEMI-UC3844BVDG Datasheet
399Kb / 19P
   High Performance Current Mode Controllers
August, 2013 ??Rev. 11
logo
Unisonic Technologies
UC3842B UTC-UC3842B_08 Datasheet
518Kb / 11P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
Motorola, Inc
UC3844 MOTOROLA-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842A ONSEMI-UC3842A Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
UC3844 ONSEMI-UC3844 Datasheet
376Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com