Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ1300A Datasheet(PDF) 1 Page - Socay Electornics Co., Ltd.

Part # SZ1300A
Description  SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SZ1300A Datasheet(HTML) 1 Page - Socay Electornics Co., Ltd.

  SZ1300A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SZ1300A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SZ1300A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SZ1300A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SZ1300A Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Surface Mount Zener Diodes
Revision November 21, 2013
1 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMA4728A - SZ1330A Series
VZ: 3.3 To 330 V
PD: 1 W
SOCAY Electronics Co., Ltd.
www.socay.com
u
Glass passivated chip
u
Low leakage
u
Built-in strain relief
u
Low inductance
u
High peak reverse power dissipation
u
Lead-Free component
u
For use in stabilizing and clipping with high power rating
u
Case: Molded plastic
u
Epoxy: UL 94V-0 rate flame retardant
u
Lead: Solderable per MIL-STD-750, method 2026
u
Polarity: Color band denotes cathode end
u
Mounting position: Any
Parameter
Symbol
Value
Unit
DC power dissipation at TL = 50 °C
(1)
PD
1
W
Maximum forward voltage at IF = 200 mA
VF
1.2
V
Maximum thermal resistance junction to ambient air
(2)
RθJA
170
K/W
Junction temperature range
TJ
-55 to +175
°C
Storage temperature range
TSTG
-55 to +175
°C
Notes:
(1)
TL=Lead temperature 3/8
″ (9.5mm) from body
(2)
Valid provided that leads are kept at ambient temperature a distance of 10mm from case
Maximum Ratings
(TA=25℃ unless otherwise noted)
Features
Mechanical Data
Schematic Symbol
Cathode
Anode


Similar Part No. - SZ1300A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SZ1300A SOCAY-SZ1300A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
logo
Anova Technologies CO.,...
SZ1300A ANOVA-SZ1300A Datasheet
261Kb / 3P
   Surface Mount Zener Diodes
logo
Dongguan City Niuhang E...
SZ1300A NIUHANG-SZ1300A Datasheet
485Kb / 3P
   PLASTIC-ENCAPSULATE ZENER DIODE
logo
Shanghai Leiditech Elec...
SZ1300A LEIDITECH-SZ1300A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
RFE international
SZ1300A RFE-SZ1300A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
More results

Similar Description - SZ1300A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
2EZ3.6D5 FS-2EZ3.6D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Texas Instruments
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Cirrus Logic
CS4349 CIRRUS-CS4349 Datasheet
815Kb / 40P
   192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG Datasheet
218Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com