Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5257A-1GT5 Datasheet(PDF) 9 Page - Cherry Semiconductor Corporation

Part # CS5257A-1GT5
Description  7A LDO 5-Pin Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5257A-1GT5 Datasheet(HTML) 9 Page - Cherry Semiconductor Corporation

  CS5257A-1GT5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5257A-1GT5 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Rev. 4/5/99
Thermal Data
5L
5L
TO-220
D2PAK
RQJC
typ
1.4
1.4
ûC/W
RQJA
typ
50
10-50*
ûC/W
*Depending on thermal properties of substrate. RqJA = RqJC + RqCA
Package Specification
PACKAGE THERMAL DATA
Ordering Information
Part Number
Description
CS5257A-1GT5
5L TO-220 Straight
CS5257A-1GDP5
5L D2PAK
CS5257A-1GDPR5
5L D2PAK (tape & reel)
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
PACKAGE DIMENSIONS IN mm (INCHES)
5 Lead D2PAK (DP)
1.70 (.067) REF
0.10 (.004)
0.00 (.000)
10.31 (.406)
10.05 (.396)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
.254 (.010) REF
2.79 (.110)
2.29 (.090)
15.75 (.620)
14.73 (.580)
8.53 (.336)
8.28 (.326)
5 Lead TO-220 (T) Straight
2.87 (.113)
2.62 (.103)
6.93(.273)
6.68(.263)
9.78 (.385)
10.54 (.415)
1.02(.040)
0.63(.025)
1.83(.072)
1.57(.062)
0.56 (.022)
0.36 (.014)
2.92 (.115)
2.29 (.090)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
1.02 (.040)
0.76 (.030)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)


Similar Part No. - CS5257A-1GT5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5257A-1GT5 ONSEMI-CS5257A-1GT5 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results

Similar Description - CS5257A-1GT5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
CS5207-1 CHERRY-CS5207-1 Datasheet
135Kb / 6P
   7A Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com