Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS52510-1 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part No. CS52510-1
Description  10A LDO 5-Pin Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

CS52510-1 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Performance Characteristics: continued
Load Regulation vs Output Current
Adjust Pin Current vs Output Current
VCONTROL Dropout Voltage vs IOUT
VPOWER Dropout Voltage vs IOUT
5
0
10 20 30 40 50 60 70 80 90 100 110120130
-0.150
-0.125
-0.100
-0.075
-0.050
-0.025
-0.000
0.025
0.050
0.075
0.100
I
0=10mA
V
CONTROL=2.75V, VPOWER=2.5V
T
J (°C)
0.00
2.00
4.00
6.00
8.00
10.00
0.000
0.050
0.150
0.200
0.300
Output Current (A)
0.350
0.250
0.100
T
Case=0°C
T
Case=125°C
T
Case=25°C
Load Regulation vs Output Current
Reference Voltage vs Temperature
0.00
2.00
3.00
4.00
5.00
6.00
72.00
Output Current (A)
8.00
73.00
74.00
75.00
76.00
77.00
9.00 10.00
1.00
7.00
VPOWER =2.5V
VCONTROL=2.75V
3.00
2.00
0.00
0.000
0.060
0.070
0.080
0.090
0.100
Output Current (A)
1.00
4.00
6.00
5.00
7.00
0.010
0.020
0.050
0.040
0.030
8.00
9.00
10.00
VPOWER=2.5V
VCONTROL=2.75V
3.00
2.00
0.00
0.000
0.600
0.700
0.800
0.900
1.000
Output Current (A)
1.00
4.00
6.00
5.00
7.00
0.100
0.200
0.500
0.400
0.300
8.00
9.00
10.00
VPOWER=2.5V
VCONTROL=2.75V
0.00
2.00
3.00
4.00
5.00
6.00
0.000
Output Current (A)
8.00
0.250
0.500
0.750
1.000
1.250
9.00 10.00
1.00
7.00
VPOWER =2.5V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS5210-110A LDO 3-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5253-13A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5257A-17A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5258-18A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
L10845A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S11171.0A Adjustable LDO Linear Regulator 1 2 3 4 List of Unclassifed Manufacturers
NCV42695.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
CS5253B-83.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications 1 2 3 4 5 MoreON Semiconductor
L1084S55A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 List of Unclassifed Manufacturers
L10853A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn