Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS52510-1 Datasheet(PDF) 4 Page - Cherry Semiconductor Corporation

Part No. CS52510-1
Description  10A LDO 5-Pin Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

CS52510-1 Datasheet(HTML) 4 Page - Cherry Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Typical Performance Characteristics
Ripple Rejection vs Frequency
Adjust Pin Current vs VPOWER-VOUT
0.0
0.5
0.0
15.0
VPOWER-VOUT (V)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
14.0
13.0
12.0
6.0
5.0
4.0
3.0
2.0
1.0
11.0
10.0
7.0
8.0
9.0
VCONTROL=2.75V
Short Circuit Current vs VPOWER-VOUT
Minimum Load Current vs VPOWER-VOUT
1.0
3.0
4.0
5.0
6.0
7.0
800.000
VCONTROL-VOUT (V)
9.0
10.0
11.0
2.0
8.0
850.000
900.000
950.000
1000.000
1050.000
1100.000
1150.000
1200.000
VPOWER =3.3V
D VOUT=+1%
Minimum Load Current vs VCONTROL-VOUT
Adjust Pin Current vs VCONTROL-VOUT
10.0
101
Frequency (Hz)
20.0
30.0
40.00
60.0
70.0
80.0
90.0
102
103
104
106
105
50.0
VIN-VOUT=2V
IOUT=4A
VRIPPLE=1VP-P
COUT=22mF
CADJ=0.1mF
1.0
3.0
4.0
5.0
6.0
7.0
70.00
VCONTROL-VOUT (V)
9.0
71.00
72.00
73.00
74.00
75.00
10.0
11.0
2.0
8.0
VPOWER =2.5V
IL=10mA
0.50
1.50
2.50
915.500
VPOWER-VOUT (V)
3.50
4.50
915.600
915.700
915.800
915.900
916.000
916.100
916.200
916.400
VCONTROL =5V
D VOUT=+1%
915.400
916.300
0.50
70.00
VPOWER-VOUT (V)
2.50
71.00
72.00
73.00
74.00
75.00
3.50
4.50
1.50
VCONTROL=2.75V
IL=10mA


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS5210-110A LDO 3-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5253-13A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5257A-17A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5258-18A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
L10845A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S11171.0A Adjustable LDO Linear Regulator 1 2 3 4 List of Unclassifed Manufacturers
NCV42695.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
CS5253B-83.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications 1 2 3 4 5 MoreON Semiconductor
L1084S55A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 List of Unclassifed Manufacturers
L10853A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn