Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS52510-1 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part No. CS52510-1
Description  10A LDO 5-Pin Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

CS52510-1 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings
VPOWER Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
VCONTROL Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13V
Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0¡C ² TJ ² 150¡C
Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 sec. max, 260¡C peak
ESD Damage Threshold . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Electrical Characteristics: 0¡C ² TA ² 70¡C, 0¡C ² TJ ² 150¡C, VSENSE = VOUT and VAdj = 0V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VCONTROL = 2.75V to 12V, VPOWER = 2.5V to 5.5V,
1.234
1.253
1.272
V
10mA ² IOUT ² 10A
(-1.5%)
(+1.5%)
Line Regulation
VCONTROL = 2.5V to 12V, VPOWER = 1.75V to 5.5V,
.02
.20
%
IOUT = 10mA
Load Regulation
VCONTROL = 2.75V, VPOWER= 2.5V,
.04
.20
%
(Note 3)
IOUT = 10mA to 10A, with remote sense
Minimum Load Current
VCONTROL = 5V, VPOWER = 3.3V, ÆVOUT = +1%
5
10
mA
(Note 1)
Control Pin Current
VCONTROL = 2.75V, VPOWER = 2.5V, IOUT = 100mA
6
10
mA
(Note 2)
VCONTROL = 2.75V, VPOWER = 2.5V, IOUT = 4A
30
60
mA
VCONTROL = 2.75V, VPOWER = 1.75V, IOUT = 4A
33
70
mA
VCONTROL = 2.75V, VPOWER = 2.5V, IOUT = 10A
80
180
mA
Adjust Pin Current
VCONTROL = 2.75V, VPOWER =2.5V, IOUT = 10mA
60
120
µA
Current Limit
VCONTROL = 2.75V, VPOWER = 2.5V, ÆVOUT = -1.5%
10.1
11.0
A
Short Circuit Current
VCONTROL = 2.75V, VPOWER = 2.5V, VOUT = 0V
8.0
9.5
A
Ripple Rejection
VCONTROL= VPOWER = 3.25V Avg,
60
80
dB
(Note 3)
VRIPPLE = 1VP-P @120Hz, IOUT = 4A, CADJ = 0.1µF
Thermal Regulation
30ms Pulse, TA = 25¡C
0.002
%/W
VCONTROL Dropout Voltage
VPOWER = 2.5V, IOUT = 100mA
1.00
1.15
V
(Minimum VCONTROL-VOUT)VPOWER = 2.5V, IOUT = 1A
1.00
1.15
V
(Note 4)
VPOWER = 2.5V, IOUT = 2.75A
1.00
1.15
V
VPOWER = 2.5V, IOUT = 4A
1.00
1.15
V
VPOWER = 2.5V, IOUT = 10A
1.25
1.40
V
VPOWER Dropout Voltage
VCONTROL = 2.75V, IOUT = 100mA
.10
.15
V
(Minimum VPOWER-VOUT)VCONTROL = 2.75V, IOUT = 1A
.15
.20
V
(Note 4)
VCONTROL = 2.75V, IOUT = 2.75A
.20
.30
V
VCONTROL = 2.75V, IOUT = 4A
.26
.40
V
VCONTROL = 2.75V, IOUT = 10A
.65
.80
V
RMS Output Noise
Freq = 10Hz to 10kHz, TA = 25¡C
0.003
%VOUT
Temperature Stability
0.5
%
Thermal Shutdown (Note 5)
150
180
210
¡C
Thermal Shutdown Hysteresis
25
¡C
VCONTROL Supply Only
VCONTROL = 13V, VPOWER not connected,
50
mA
Output Current
VADJUST = VOUT = VSENSE = 0V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS5210-110A LDO 3-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5253-13A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5257A-17A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS5258-18A LDO 5-Pin Adjustable Linear Regulator 1 2 3 4 5 MoreCherry Semiconductor Corporation
L10845A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers
S11171.0A Adjustable LDO Linear Regulator 1 2 3 4 List of Unclassifed Manufacturers
NCV42695.0 V Micropower 150 mA LDO Linear Regulator with DELAY Adjustable RESET and Sense Output 1 2 3 4 5 MoreON Semiconductor
CS5253B-83.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications 1 2 3 4 5 MoreON Semiconductor
L1084S55A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 List of Unclassifed Manufacturers
L10853A Adjustable Low Dropout Linear Regulator LDO 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn