Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA4731A Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SMA4731A
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMA4731A Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SMA4731A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMA4731A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMA4731A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMA4731A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMA4731A Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Zener Diodes
Revision November 21, 2013
4 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMA4728A - SZ1330A Series
VZ: 3.3 To 330 V
PD: 1 W
SOCAY Electronics Co., Ltd.
www.socay.com
Figure 1 - Power Temperature Derating Curve
Figure 3 - Typical Thermal Resistance v.s. Lead Length
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 2 -Temperature Coefficients v.s. Zener Voltage
TL - Lead Temperature(°C)
1.0
0
25
50
75
100
125
150
175
200
0.8
0.6
0.4
0.2
0.0
100
10
100
10
1
Zener Voltage, VZ(V)
Range
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
175
Lead Length to Heatsink, L, (inches)
150
135
100
75
50
25
0
Figure 4 - Maximum Surge Power
Pulse Width, PW, (S)
20% Duty Cycle
10% Duty Cycle
5% Duty Cycle
11V-91V Non-Repetitive
Rectangular Waveform TJ=25°C
Prior to Initial
0.01
0.1
10
100
1000
100
10
1


Similar Part No. - SMA4731A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4731A YANGJIE-SMA4731A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4731A RFE-SMA4731A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4731A FORMOSA-SMA4731A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4731A SOCAY-SMA4731A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
logo
CHENG-YI ELECTRONIC CO....
SMA4731A CHENG-YI-SMA4731A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results

Similar Description - SMA4731A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com