Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRV05-4 Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SRV05-4
Description  Transient Voltage Suppressors Array for ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SRV05-4 Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SRV05-4 Datasheet HTML 1Page - Socay Electornics Co., Ltd. SRV05-4 Datasheet HTML 2Page - Socay Electornics Co., Ltd. SRV05-4 Datasheet HTML 3Page - Socay Electornics Co., Ltd. SRV05-4 Datasheet HTML 4Page - Socay Electornics Co., Ltd. SRV05-4 Datasheet HTML 5Page - Socay Electornics Co., Ltd. SRV05-4 Datasheet HTML 6Page - Socay Electornics Co., Ltd. SRV05-4 Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Transient Voltage Suppressors Array for ESD Protection
Low Capacitance
Revision January 06, 2014
4 / 7
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SRV05-4
SOCAY Electronics Co., Ltd.
www.socay.com
Figure 1. Data Line and Power Supply Protection
Using VCC as reference
Figure 2. Data Line Protection with Bias and Power
Supply Isolation Resistor
Figure 3. Data Line Protection Using Internal TVS
Diode as Reference
Device Connection Options for Protection of
Four High-Speed Data Lines
The SRV05-4 is designed to protect four data lines from
transient over-voltages by clamping them to a fixed
reference.
When the voltage on the protected line
exceeds the reference voltage (plus diode VF) the
steering diodes are forward biased, conducting the
transient current away from the sensitive circuitry. Data
lines are connected at pins 1, 3, 4 and 6.
The negative
reference (REF1) is connected at pin 2.
This pin
should be connected directly to a ground plane on the
board for best results.
The path length is kept as short
as possible to minimize parasitic inductance. The positive
reference (REF2) is connected at pin 5. The options for
connecting the positive reference are as follows:
1. To protect data lines and the power line, connect pin 5
directly to the positive supply rail (VCC).
In this
configuration the data lines are referenced to the
supply voltage.
The internal TVS diode prevents
over-voltage on the supply rail (See Figure1).
2. The SRV05-4 can be isolated from the power supply
by adding a series resistor between pin 5 and VCC.
A value of 100k
Ω is recommended.
The internal
TVS and steering diodes remain biased, providing the
advantage of lower capacitance (See Figure2).
3. In applications where no positive supply reference is
available, or complete supply isolation is desired, the
internal TVS may be used as the reference.
In this
case, pin 5 is not connected.
The steering diodes
will begin to conduct when the voltage on the
protected line exceeds the working voltage of the TVS
(plus one diode drop) (See Figure3).
Applications Information


Similar Part No. - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRV05-4 SEMTECH-SRV05-4 Datasheet
289Kb / 12P
   Low Capacitance TVS Diode Array
logo
Shanghai Shunye Electro...
SRV05-4 SHUNYE-SRV05-4 Datasheet
1Mb / 3P
   Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
102Kb / 4P
   STEERING DIODE / TVS ARRAY COMBO
logo
Applied Power Microelec...
SRV05-4 APMICRO-SRV05-4 Datasheet
620Kb / 8P
   4-Line Low Capacitance TVS Diode Array
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4 Datasheet
79Kb / 4P
   STEERING DIODE/ TVS ARRAY COMBO
More results

Similar Description - SRV05-4

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V25T-4C SOCAY-ESD05V25T-4C Datasheet
157Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V14T-2C SOCAY-ESD05V14T-2C Datasheet
250Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V08S-6L SOCAY-ESD05V08S-6L Datasheet
176Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-2LA SOCAY-ESD03V23T-2LA Datasheet
234Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-1A SOCAY-ESD03V23T-1A Datasheet
151Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-LA SOCAY-ESD03V23T-LA Datasheet
230Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA24C-7 SOCAY-SMDA24C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com