Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5206-1GDP3 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS5206-1GDP3
Description  6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5206-1GDP3 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS5206-1GDP3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5206-1GDP3 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Features
Error
Amplifier
+
Output
Current
Limit
-
VIN
VOUT
Adj
Thermal
Shutdown
Bandgap
Error
Amplifier
+
Output
Current
Limit
-
VIN
VOUT
Thermal
Shutdown
Bandgap
Gnd
s
Output Current to 6A
s
Output Trimmed to +/- 1%
s
Dropout Voltage
1.3V @ 6A
s
Fast Transient Response
s
Fault Protection Circuitry
Thermal Shutdown
Overcurrent Protection
Safe Area Protection
Package Options
3L TO-220
Tab (VOUT)
6A Adjustable, and Fixed 3.3V
and 5V Linear Regulators
1
CS5206 -1,-3,-5
The CS5206 -X series of linear regu-
lators provides 6A at adjustable
and fixed voltages of 3.3V and 5V
with an accuracy of ±1% and ±2%
respectively. The adjustable version
uses two external resistors to set
the output voltage within a 1.25V
to 13V range.
The regulators are intended for use
as post regulators and microproces-
sor supplies. The fast loop response
and low dropout voltage make
these regulators ideal for applica-
tions where low voltage operation
and good transient response are
important.
The circuit is designed to operate
with dropout voltages as low as 1V
depending on the output current
level. The maximum quiescent cur-
rent is only 10mA at full load.
The regulators are fully protected
against overload conditions with
protection circuitry for Safe
Operating Area (SOA), overcurrent
and thermal shutdown.
The regulators are available in TO-
220 and surface mount D2 packages.
Block Diagram
CS5206 -3, -5
1
Gnd
2VOUT
3VIN
CS5206 -1
1
Adj
2VOUT
3VIN
CS5206 -1
CS5206 -3, -5
Description
3L D2PAK
1
Rev. 7/8/97
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨


Similar Part No. - CS5206-1GDP3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5206-1GDP3 ONSEMI-CS5206-1GDP3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
More results

Similar Description - CS5206-1GDP3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5205-1 CHERRY-CS5205-1 Datasheet
163Kb / 7P
   5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com