Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB1198K3-X-BM-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTB1198K3-X-BM-G
Description  PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1198K3-X-BM-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTB1198K3-X-BM-G Datasheet HTML 1Page - Cystech Electonics Corp. BTB1198K3-X-BM-G Datasheet HTML 2Page - Cystech Electonics Corp. BTB1198K3-X-BM-G Datasheet HTML 3Page - Cystech Electonics Corp. BTB1198K3-X-BM-G Datasheet HTML 4Page - Cystech Electonics Corp. BTB1198K3-X-BM-G Datasheet HTML 5Page - Cystech Electonics Corp. BTB1198K3-X-BM-G Datasheet HTML 6Page - Cystech Electonics Corp. BTB1198K3-X-BM-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C824K3
Issued Date : 2008.10.31
Revised Date :2013.10.09
Page No. : 3/7
BTB1198K3
CYStek Product Specification
Typical Characteristics
Output Characteristics
0
0.05
0.1
0
1
23
45
6
Collector-to-Emitter Voltage---VCE(V)
IB=0
IB=100uA
IB=200uA
IB=300uA
IB=400uA
IB=500uA
Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
01
2
345
6
Collector-to-Emitter Voltage---VCE(V)
IB=0
IB=500uA
IB=1mA
IB=1.5mA
IB=2mA
IB=2.5mA
Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0123456
Collector-to-Emitter Voltage---VCE(V)
IB=0
IB=2mA
IB=4mA
IB=6mA
IB=8mA
IB=10mA
Output Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
01
23
4
56
Collector-to-Emitter Voltage---VCE(V)
IB=0
IB=5mA
IB=10mA
IB=15mA
IB=20mA
IB=25mA
Current Gain vs Collector Current
1
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=1V
VCE=2V
VCE=3V
Saturation Voltage vs Collector Current
10
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
IC=10IB
IC=20IB
IC=25IB
VCE(SAT)


Similar Part No. - BTB1198K3-X-BM-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1198A3 CYSTEKEC-BTB1198A3 Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-Q-BK-G CYSTEKEC-BTB1198A3-Q-BK-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-Q-TB-G CYSTEKEC-BTB1198A3-Q-TB-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-R-BK-G CYSTEKEC-BTB1198A3-R-BK-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
BTB1198A3-R-TB-G CYSTEKEC-BTB1198A3-R-TB-G Datasheet
265Kb / 7P
   PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1198K3-X-BM-G

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com