Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA1640F3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # BTA1640F3
Description  PNP Epitaxial Planar Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1640F3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  BTA1640F3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1640F3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1640F3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1640F3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1640F3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA1640F3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C657F3
Issued Date : 2010.09.21
Revised Date :
Page No. : 6/6
BTA1640F3
CYStek Product Specification
TO-263 Dimension
*:Typical
Inches
A
B
C
D
12
3
K
L
J
G
H
F
E
2
α1
α2
α3
I
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.3800
0.4050
9.65
10.29
I
0.0500
0.0700
1.27
1.78
B
0.3300
0.3700
8.38
9.40
J
-
*0.1000
-
*2.54
C
-
0.0550
-
1.40
K
0.0450
0.0550
1.14
1.40
D
0.5750
0.6250
14.61
15.88
L
0.0200
0.0390
0.51
0.99
E
0.1600
0.1900
4.06
4.83
α1
-
-
6
°
8
°
F
0.0450
0.0550
1.14
1.40
α2
-
-
6
°
8
°
G
0.0900
0.1100
2.29
2.79
α3
-
-
0
°
5
°
H
0.0180
0.0290
0.46
0.74
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Style : Pin 1.Base 2.Collector 3.Emitter
3-Lead Plastic Surface Mounted Package
CYStek Package Code : F3
Marking :
Device Name
Year Code:
9→2009, 0→
2010,…, etc
Lot No.:
01~99
1→Jan, 2→
Feb,…,9→
Sep, A→Oct,
B→Nov, C→
Dec
Month Code:


Similar Part No. - BTA1640F3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
163Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
178Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP_07 Datasheet
178Kb / 4P
   PNP Epitaxial Planar Power Transistor
More results

Similar Description - BTA1640F3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTP949L3 CYSTEKEC-BTP949L3 Datasheet
210Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
163Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640J3 CYSTEKEC-BTA1640J3 Datasheet
242Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP_07 Datasheet
178Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640I3 CYSTEKEC-BTA1640I3 Datasheet
227Kb / 5P
   PNP Epitaxial Planar Power Transistor
logo
TT Electronics.
2N5333 TTELEC-2N5333 Datasheet
91Kb / 3P
   SILICON EPITAXIAL PLANAR PNP POWER TRANSISTOR
logo
Cystech Electonics Corp...
TIP32CE3 CYSTEKEC-TIP32CE3 Datasheet
150Kb / 4P
   3A PNP Epitaxial Planar Power Transistor
BCP69L3 CYSTEKEC-BCP69L3 Datasheet
172Kb / 4P
   Medium Power PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com