Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA1020K3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTA1020K3
Description  PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1020K3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTA1020K3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1020K3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1020K3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1020K3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA1020K3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA1020K3 Datasheet HTML 6Page - Cystech Electonics Corp. BTA1020K3 Datasheet HTML 7Page - Cystech Electonics Corp. BTA1020K3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C621K3
Issued Date : 2013.03.06
Revised Date : 2013.12.25
Page No. : 3/8
BTA1020K3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
01
23
45
6
-VCE, Collector-to-Emitter Voltage(V)
200uA
300uA
400uA
500uA
1mA
-IB=100uA
Emitter Grounded Output Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
012
3456
-VCE, Collector-to-Emitter Voltage(V)
1.5mA
2mA
2.5mA
5mA
-IB=500uA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
012
34
56
-VCE, Collector-to-Emitter Voltage(V)
4mA
6mA
8mA
20mA
-IB=2mA
Emitter Grounded Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
4
01
23
4
5
6
-VCE, Collector-to-Emitter Voltage(V)
20mA
10mA
15mA
25mA
50mA
-IB=5mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta= 75°C
Ta= 25°C
Ta=0°C
Ta=-40°C
VCE=-1V
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCE=-2V


Similar Part No. - BTA1020K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10 STMICROELECTRONICS-BTA10 Datasheet
60Kb / 4P
   TRIACS
BTA10 STMICROELECTRONICS-BTA10 Datasheet
74Kb / 7P
   10A TRIACS
logo
Sirectifier Semiconduct...
BTA10 SIRECTIFIER-BTA10 Datasheet
256Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Unisonic Technologies
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
   10A TRIACS
More results

Similar Description - BTA1020K3

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com