Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N65G-TA3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N65G-TA3-T
Description  3A, 650V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65G-TA3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  3N65G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 3N65G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 3N65G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 3N65G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 3N65G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 3N65G-TA3-T Datasheet HTML 6Page - Unisonic Technologies 3N65G-TA3-T Datasheet HTML 7Page - Unisonic Technologies 3N65G-TA3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N65
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-590.B
3A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N65 is a high voltage and high current power
MOSFET designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and high
rugged avalanche characteristics. This power MOSFET is usually
used in high speed switching applications at power supplies, PWM
motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) = 3.8Ω @VGS = 10 V
* Ultra low gate charge ( typical 10 nC )
* Low reverse transfer capacitance ( CRSS = typical 5.5 pF )
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
3N65L-TA3-T
3N65G-TA3-T
TO-220
G
D
S
Tube
3N65L-TF1-T
3N65G-TF1-T
TO-220F1
G
D
S
Tube
3N65L-TF3-T
3N65G-TF3-T
TO-220F
G
D
S
Tube
3N65L-TM3-R
3N65G-TM3-R
TO-251
G
D
S
Tube
3N65L-TN3-R
3N65G-TN3-R
TO-252
G
D
S
Tape Reel
3N65L-TN3-T
3N65G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 3N65G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65G-TA3-T UTC-3N65G-TA3-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65G-TA3-T UTC-3N65G-TA3-T Datasheet
382Kb / 8P
   N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N65G-TA3-T VBSEMI-3N65G-TA3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 3N65G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65Z UTC-3N65Z Datasheet
350Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65K UTC-3N65K Datasheet
396Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com