Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N65L-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3N65L-TF3-T
Description  3A, 650V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65L-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  3N65L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 6Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 7Page - Unisonic Technologies 3N65L-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-590.B
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
VDD
Pulse Width≤ 1μs
Duty Factor≤0.1%
Switching Test Circuit
Switching Waveforms
Gate Charge Test Circuit
Gate Charge Waveform
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms


Similar Part No. - 3N65L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65L-TF3-T UTC-3N65L-TF3-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65L-TF3-T UTC-3N65L-TF3-T Datasheet
382Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 3N65L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65Z UTC-3N65Z Datasheet
350Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65K UTC-3N65K Datasheet
396Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com