Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

555702R1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 555702R1
Description  Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2, 2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

555702R1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  555702R1 Datasheet HTML 1Page - Molex Electronics Ltd. 555702R1 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39-01-3022
Status:
Active
Overview:
Mini-Fit Jr.™ Power Connectors
Description:
Mini-Fit Jr.™ Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2, 2
Circuits
Documents:
3D Model
Product Specification PS-5556-001 (PDF)
Drawing (PDF)
Test Summary TS-5556-002 (PDF)
Product Specification PS-45750-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
5557
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current
derating information.. See Molex product specification.
Overview
Mini-Fit Jr.™ Power Connectors
Product Name
Mini-Fit Jr.™
UPC
800754203449
Physical
Breakaway
No
Circuits (maximum)
2
Color - Resin
Natural
Flammability
94V-2
Gender
Receptacle
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
0.661/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
4.20mm
Pitch - Termination Interface
4.20mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
555702R1
Reference - Drawing Numbers
Product Specification
PS-45750-001, PS-5556-001
Sales Drawing
SD-5557-**R1-*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5557Series
Mates With
39-01-2021 Panel Mount Plug, 39-01-3023
Free Hanging Plug, 5566 Vertical Headers,
5569 Right Angle Headers
Use With
5556 Mini-Fit® Female Crimp Terminals,
45750 Mini-Fit® Plus HCS Crimp Terminal


Similar Part No. - 555702R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
555702R1 MOLEX3-555702R1 Datasheet
113Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
More results

Similar Description - 555702R1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-3025 MOLEX11-39-01-3025 Datasheet
40Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2, 2
0469922410 MOLEX1-0469922410 Datasheet
31Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
0469920610 MOLEX1-0469920610 Datasheet
31Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
0469921610 MOLEX1-0469921610 Datasheet
31Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
0469921010 MOLEX1-0469921010 Datasheet
31Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
0469921210 MOLEX1-0469921210 Datasheet
31Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
0469921410 MOLEX1-0469921410 Datasheet
31Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
0469920210 MOLEX1-0469920210 Datasheet
32Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
0469920410 MOLEX1-0469920410 Datasheet
32Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2
39-01-3045 MOLEX11-39-01-3045 Datasheet
40Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-2, 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com