Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1071 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD1071
Description  HIGH VOLTAGE POWER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1071 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD1071 Datasheet HTML 1Page - Unisonic Technologies 2SD1071 Datasheet HTML 2Page - Unisonic Technologies 2SD1071 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD1071
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-043.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
300
V
Collector to Emitter Voltage
VCEO
300
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
6
A
Base Current
IB
2.5
A
Collector Dissipation
PC
40
W
Junction Temperature
TJ
+150
C
Storage Temperature
TSTG
-40~+150
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
3
°C/W
ELECTRICAL CHARACTERISTICS (TC =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector to Base Voltage
VCBO
ICBO=1mA
300
V
Collector to Emitter Voltage
VCEO
ICEO=1mA
300
V
Emitter to Base Voltage
VEBO
IEBO=150mA
6
V
Collector Cut-Off Current
ICBO
VCBO=250V
0.1
mA
Emitter Cut-Off Current
IEBO
VEBO=6V
150
mA
DC Current Gain
hFE
VCE=2V, IC=4A
500
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=4A, IB=15mA
1.5
V
Base-Emitter Saturation Voltage
VBE(SAT)
2.0
V


Similar Part No. - 2SD1071

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SD1071 FUJI-2SD1071 Datasheet
102Kb / 3P
   TRIPLE DIFFUSED PLANER TYPE ULTRA HIGH TRANSISTOR HIGH VOLTAGE POWER AMPLIFIER
logo
List of Unclassifed Man...
2SD1071 ETC-2SD1071 Datasheet
99Kb / 3P
   TRIPLE DIFFUSED PLANER TYPE ULTRA HIGH TRANSISTOR
logo
Inchange Semiconductor ...
2SD1071 ISC-2SD1071 Datasheet
139Kb / 2P
   Low Collector Saturation Voltage
logo
Unisonic Technologies
2SD1071G-TA3-T UTC-2SD1071G-TA3-T Datasheet
112Kb / 3P
   HIGH VOLTAGE POWER AMPLIFIER
2SD1071L-TA3-T UTC-2SD1071L-TA3-T Datasheet
112Kb / 3P
   HIGH VOLTAGE POWER AMPLIFIER
More results

Similar Description - 2SD1071

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1071 UTC-2SD1071_15 Datasheet
112Kb / 3P
   HIGH VOLTAGE POWER AMPLIFIER
logo
Fairchild Semiconductor
KSC2310 FAIRCHILD-KSC2310 Datasheet
41Kb / 4P
   High Voltage Power Amplifier
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA44 ETC-PA44 Datasheet
66Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA140 APEX-PA140 Datasheet
76Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
   High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
   High Voltage Power Operational Amplifier
PA243 APEX-PA243 Datasheet
461Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
   High Voltage Power Operational Amplifier
PA46 APEX-PA46 Datasheet
68Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com