Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376382-4 Datasheet(PDF) 47 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 47 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 43Page - Tyco Electronics 3-1376382-4 Datasheet HTML 44Page - Tyco Electronics 3-1376382-4 Datasheet HTML 45Page - Tyco Electronics 3-1376382-4 Datasheet HTML 46Page - Tyco Electronics 3-1376382-4 Datasheet HTML 47Page - Tyco Electronics 3-1376382-4 Datasheet HTML 48Page - Tyco Electronics 3-1376382-4 Datasheet HTML 49Page - Tyco Electronics 3-1376382-4 Datasheet HTML 50Page - Tyco Electronics 3-1376382-4 Datasheet HTML 51Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
181
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Universal MATE-N-LOK Sealed Connectors (Continued)
Contacts (used with
Splash Proof Seals)
Solid pin diameter .084 [2.13]
Split pin diameter .086 [2.18]
Stock thickness .012 [.305] unless
otherwise noted.
These contacts can be used in either
Universal MATE-N-LOK Plug or Cap
housings only.
Related Product Data
Product Specification
108-1031 Universal MATE-N-LOK
Connectors
Application Specification
114-1010 Universal MATE-N-LOK
Contacts
Performance Characteristics—
pages 169-170
Technical Documents— pages 169
and 205-206
Application Tooling— pages 207-210
Housings—page 174
Solid Pin
Split Pin
Socket
Grounding Pin
(.100 [2.54] longer than standard pin)
(Mate first, break last, not for interrupting
current)
Wire Size
Ins. Dia.
L Dim.
Contact Part Numbers
HDM
Hand Tool
Range
Range
Pin
Socket
Material & Finish
Style
Pin
Socket
Applicator
Part No.
AWG [mm2]
Strip Form
Loose Piece
Strip Form Loose Piece
Part No.
Brass, Pre-tin
350218-1
350547-1
350536-1
350550-1
Brass, Gold1
350218-2
350547-2
350536-2
350550-2
Brass, Select Gold2
Solid
350218-7
350547-7
350536-7
350550-7
.790
.760
Phos. Brz., Pre-tin
350218-3
350547-3
350536-3
350550-3
687763-13
20-14
.060-.130
20.06
19.30 Phos. Brz., Select Gold2
350218-6
350547-6
350536-6
350550-6
687763-23
91500-1
[.5-2.0]
1.52-3.30
Brass, Pre-tin
350687-1
350705-1
——
687763-63
Brass, Gold1
Split
350687-2
350705-2
——
Brass, Select Gold2
350687-7
350705-7
——
.890
Brass, Pre-Tin
Grounding
350654-1
350669-1
22.60
1
Gold Finish — Plated with .000030 [.000762] min. gold in mating area and inside wire barrel over .000050 [.00127] min. nickel underplate on entire contact.
2
Select Gold Finish — Plated with .000030 [.000762] min. gold in mating area over .000050 [.00127] min. nickel underplate on entire contact.
3
HDM Applicator part number ending in -1, is used on AMPOMATOR CLS Machine with T or G Terminators, -2 is used on AMP-O-LECTRIC Model K
Machine, -4 & -6 are used on AMP-O-LECTRIC Model G Machine. See pages 207-210 for further information.
Notes:
1. Split pins recommended for use in housings having 6, 9, 12 and 15 circuits to reduce mating force.
2. Phosphor bronze material contacts are available for use in high temperature/humidity cycling applications,
consult Tyco Electronics.
3. 18-24 AWG contacts (page 166) can be used with splash proof seals if insulation diameter range is .060-.100 [1.52-2.54].
Contact Insertion Tool (For inserting
contacts applied to small diameter wire)
Part No. 91002-1
IS 408-7347
Universal MATE-N-LOK II
Keying Plug/Splash Proof
Sealing Plug
IS 408-3392
Related Product Data
Housings— page 174
Technical Documents— pages 169
and 205-206
.940
[23.88]
.130
[3.30]
Part Number
UL94V-0 Nylon material — 770377-1
Seal Latch Tool
Part No. 794381-1
IS 408-3392
Contact Extraction Tool
Part No. 318851-1
IS 408-4371
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com