Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376382-4 Datasheet(PDF) 29 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 29 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 25Page - Tyco Electronics 3-1376382-4 Datasheet HTML 26Page - Tyco Electronics 3-1376382-4 Datasheet HTML 27Page - Tyco Electronics 3-1376382-4 Datasheet HTML 28Page - Tyco Electronics 3-1376382-4 Datasheet HTML 29Page - Tyco Electronics 3-1376382-4 Datasheet HTML 30Page - Tyco Electronics 3-1376382-4 Datasheet HTML 31Page - Tyco Electronics 3-1376382-4 Datasheet HTML 32Page - Tyco Electronics 3-1376382-4 Datasheet HTML 33Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
163
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
.505
[12.82]
Dust Covers
Material
Housing — Polyester, white color
Flammability Rating — UL94V-2
PC Board Right-Angle
Pin Headers
Material and Finish
Contact — Phosphor bronze, pre-tin
Solder tail width .052 [1.32]
For Feed-To Wiring
Part Number 770232-1
4 Circuit, In-Line
For Feed-Through Wiring
Part Number 770233-1
Wire Size Range
Color
Finish
Part Number
Mates with
AWG [mm2]
Code
UL94V-2
UL94V-0
Part Numbers
22
Red
Pre-tin
770156-2
794036-3
1-480426-0**
[.3]
350211-1
20
Yellow
Pre-tin
770156-4
794036-2
350211-2
[.5]
350424-1
18
Orange
Pre-tin
770156-3
794036-1
350424-2
[.8]
641737-1
16
1-641737-1
770827-1
[1.2]
Blue
Pre-tin
770156-5*
794036-4
770829-1
770846-1
*Application Tooling: Arbor Tool 91085-2 uses head 231920-2.
**Pin Housing
Notes:
1. Insulation diameter .095 [2.41] max.
2. Application Tooling
Power Unit No. 91112-2 (IS 408-7763) uses Head No. 231920-2 (IS 408-9330) and Hand Tool Handle No. 58074-1
(IS 408-6790) uses Terminating Head No. 231894-1(IS 408-3186)
Note: All part numbers are RoHS Compliant.
.994
[25.24]
.325
[8.25]
Max.
.142
[3.60]
Max.
Max.
.390
[9.90]
.200
[5.08]
.830
[21.08]
Max.
.643
[16.33]
Max.
.760
[19.30]
.760
[19.30]
Insulation Displacement
Connectors (IDC)
Material
Housing — Nylon
Contact — Phosphor bronze
Related Product Data
Used by the disk drive industry.
Product Specifications
108-1077
Commercial MATE-N-LOK
PC Board Headers
108-49000 IDC Connectors
Application Specification
114-49001 IDC Connectors
Performance Characteristics—
pages 151-152
Technical Documents—
pages 151 and 205-206
Mating Socket Housings—
pages 157-160
Mating Pin Housings— pages 157-
160
Mating Pin Headers— pages 161-164
Recommended PC Board Hole Layout
.062 [1.57] thick PC Board
Number of
Dimensions
Part
Mates with
Housing Material
Socket Housing
Circuits
A
BC
D
Numbers
Part Number
2
.600
.300
UL94V-2 Nylon
794120-1
1-480318-0
15.24
7.62
Natural Color
3
.800
.150
.300
.600
UL94V-0 Nylon
643488-1
1-480303-0
20.32
3.81
7.62
15.24
4
UL94V-2 Nylon,
641737-13
1-480424-02,3
1.000
.200
.400
.800
Natural Color
770846-11,3
25.40
5.08
10.16
20.32
UL94V-0 Nylon
1-641737-13
770827-12,3
1Surface Mount Compatible.
2
Other mating connectors include a vertical PC Board socket header and the insulation
displacement connectors (IDC).
3
Used by the disk drive industry.
.345
[.876]
.400
[10.16]
.100
[2.54]
.100
[2.54]
.484
[12.29]
.140
[3.55]
Typ.
Dia.
Dia.
Dia.
.200
[5.08]
Typ.
A
D
B
C
.060
[1.524]
(4 Plcs.)
.100
[2.54]
(2 Plcs.)
.157
[3.98]
(2 Plcs.)
Note: These parts are used with the insulation displacement connectors below.
.142
[3.60]
Max.
Max.
.505
[12.82]
2, 3, and 4 Circuit, In-Line
2, 3, and 4 Circuit
.300
[7.62]
.157
[3.99]
2 Plc.
.060
[1.52]
2 Plc.
.100
[2.54]
2 Plc.
.100
[2.54]
.200
[5.08]
.150
[3.81]
Dia.
Socket Assembly (Plug)


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com