Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376391-4 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 21Page - Tyco Electronics 3-1376391-4 Datasheet HTML 22Page - Tyco Electronics 3-1376391-4 Datasheet HTML 23Page - Tyco Electronics 3-1376391-4 Datasheet HTML 24Page - Tyco Electronics 3-1376391-4 Datasheet HTML 25Page - Tyco Electronics 3-1376391-4 Datasheet HTML 26Page - Tyco Electronics 3-1376391-4 Datasheet HTML 27Page - Tyco Electronics 3-1376391-4 Datasheet HTML 28Page - Tyco Electronics 3-1376391-4 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
159
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Housings
Panel Mount, Positive Lock
Material
Housing —Nylon, natural color
Flammability Rating —UL94V-2
Related Product Data
Product Specification
108-1000 Commercial MATE-N-LOK
Connectors
Performance Characteristics—
pages 151-152
Contacts—pages 155-156
Commoning Tabs—page 155
Keying Plug—page 156
Technical Documents—pages 151
and 205-206
Mating Socket Headers—page 162
Mating IDC—page 163
Recommended Panel
Cutout for Panel Mount
Socket Housing
View is from socket housing entry
side
Mounting Information
1. Recommended panel thickness—
.025-.065 [.635-1.65].
2. Both locking legs are to be
squeezed together and the hous-
ing is to be inserted “straight-in”,
as opposed to a rocking manner.
3. The panel should be punched so
that the housing enters the panel
in the same direction as the
punch.
4. The panel must not have any
material (paint, porcelain, etc.)
applied in the mounting hole area
that would decrease the retention
of the housing in the panel.
5. If the two items above are not
complied with, the “A” dimension
should be reduced .020 [5.08] for
proper retention.
3 and 4 Circuit, In-Line
3 and 4 Circuit, In-Line
6, 9, 12 and 15 Circuit,
Matrix
Pin Housing (Cap)
Socket Housing (Plug)
Number of
Dimensions
Part Numbers
Circuits
EF
G
Pin Housing (Cap) Socket Housing (Plug)
3
.325
.810
.630
1-480305-02
1-480304-0
8.26
20.57
16.00
4
.330
1.010
.825
1-480426-02,4
1-480425-04
8.38
25.65
20.96
3-480426-01,2,4
3-480425-01,4
6—
.665
.555
1-480276-03
1-480273-0
16.89
14.10
9—
.905
.795
1-480277-03
1-480274-0
22.99
20.19
12
1.145
1.045
1-480278-03
1-480275-0
29.08
26.54
15
1.382
1.280
1-480324-03
1-480323-0
35.10
32.51
1
Housing material has 125°C temperature rating
2
Detent lock
3
Positive lock
4
Used by disk drive industry
Note: All part numbers are RoHS Compliant.
Number
Dimensions
Circuits
AB
3
.890
.645–.635
22.61 16.38–16.13
4
1.100
.845–.835
27.94 21.46–21.21
6
.840
.575–.570
21.34 14.61–14.48
9
1.075
.815–.810
27.31 20.70–20.57
12
1.320 1.055–1.050
33.53 26.80–26.67
15
1.550 1.290–1.285
39.37 32.77–32.64
Note: Dimensions “C” and “D” are to
be equal.
6, 9, 12 and 15 Circuit,
Matrix
.200
[5.08]
.240
[6.09]
.202
[5.130]
.930
[23.62]
.930
[23.62]
.850
[21.59]
.850
[21.59]
.850
[21.59]
.650
[16.51]
.310
[7.87]
E
F
F
G
G
.215
[5.46]
.015
[.381]
All Corners
.275
[6.98]
A
A
B
B
C
C
D
D
.660
[16.76]
.219
[5.56]
.218
[5.54]
R Max.
.015
[.381]
All Corners
R Max.
Pin Housing (Cap)
Socket Housing (Plug)


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com