Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-1376389-4 Datasheet(PDF) 82 Page - Tyco Electronics

Part # 3-1376389-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376389-4 Datasheet(HTML) 82 Page - Tyco Electronics

Back Button 3-1376389-4 Datasheet HTML 78Page - Tyco Electronics 3-1376389-4 Datasheet HTML 79Page - Tyco Electronics 3-1376389-4 Datasheet HTML 80Page - Tyco Electronics 3-1376389-4 Datasheet HTML 81Page - Tyco Electronics 3-1376389-4 Datasheet HTML 82Page - Tyco Electronics 3-1376389-4 Datasheet HTML 83Page - Tyco Electronics 3-1376389-4 Datasheet HTML 84Page - Tyco Electronics 3-1376389-4 Datasheet HTML 85Page - Tyco Electronics 3-1376389-4 Datasheet HTML 86Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 98 page
background image
216
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Non-Compliant to RoHS Compliant Part Number Cross Reference
350827-2
350827-4
350828-2
350828-4
350829-2
350829-4
350830-2
350830-4
350832-2
350832-4
350833-2
350833-4
350834-2
350834-4
350835-2
350835-4
350836-2
350836-4
350837-2
350837-4
2-350942-0
3-350942-0
2-350943-0
3-350943-0
2-350944-0
3-350944-0
2-350945-0
3-350945-0
350988-3
350988-5
350989-3
350989-5
350990-3
350990-5
350991-3
350991-5
1-380935-0
2-380935-0
1-380936-0
2-380936-0
1-380937-0
2-380937-0
2-380991-0
2-1586544-0
2-380999-0
2-1586546-0
640466-2
640466-3
640467-2
640467-3
640497-2
2-640497-2
640497-4
2-640497-4
640498-2
2-640498-2
640498-4
2-640498-4
640499-2
2-640499-2
640499-4
2-640499-4
640500-2
2-640500-2
640500-4
2-640500-4
640501-2
2-640501-2
640501-4
2-640501-4
640502-2
2-640502-2
640502-4
2-640502-4
640503-2
2-640503-2
640503-4
2-640503-4
640504-2
2-640504-2
640504-4
2-640504-4
640505-2
2-640505-2
640505-4
2-640505-4
640506-2
2-640506-2
640506-4
2-640506-4
640583-2
640583-3
640584-2
640584-3
640900-2
640900-3
640901-2
640901-3
641831-2
641831-3
641832-2
641832-3
641963-2
641963-3
641964-2
641964-3
641970-2
641970-3
641971-2
641971-3
641972-2
641972-3
641974-2
641974-3
641976-2
641976-4
643228-2
3-643228-0
643230-2
3-643230-0
643232-2
3-643232-0
Non-Compliant
RoHS Compliant
Part Number
Part Number
350209-2
1586512-2
350210-2
1586514-2
350211-2
1586515-2
350211-3
1586515-3
350212-2
1586518-2
350213-2
1586520-2
350214-2
1586522-2
350220-2
1586524-2
1-350375-0
2-350375-0
1-350376-0
2-350376-0
1-350377-0
2-350377-0
1-350378-1
2-350378-1
1-350379-1
2-350379-1
1-350380-1
2-350380-1
350424-2
1586525-2
350425-2
1586526-2
350426-2
1586528-2
350428-2
350428-4
350429-2
350429-4
350430-2
350430-4
350431-2
350431-4
350432-2
350432-4
350433-2
350433-4
350434-2
350434-4
350539-2
1586530-2
350541-2
1586532-2
350543-2
1586534-2
350544-2
1586536-2
350582-2
350582-4
350583-2
350583-4
350584-2
350584-4
350585-2
350585-4
350586-2
350586-4
350587-2
350587-4
350588-2
350588-4
350641-2
1586539-2
350711-2
350711-4
350712-2
350712-4
350713-2
350713-4
350714-2
350714-4
350714-3
350714-5
350732-2
350732-4
350737-2
350737-4
350738-2
350738-4
350742-2
350742-4
350759-3
350759-5
350760-3
350760-5
350761-3
350761-5
350762-3
350762-5
350763-3
350763-5
350764-3
350764-5
350765-3
350765-5
350786-2
350786-3
350787-2
350787-3
350789-2
350789-3
350790-2
350790-3
350792-2
350792-3
350793-2
350793-3
350824-2
350824-4
350825-2
350825-4
350826-2
350826-4
Non-Compliant
RoHS Compliant
Part Number
Part Number
643234-2
3-643234-0
643236-2
3-643236-0
643410-2
643410-3
643412-2
643412-3
643414-2
643414-3
643424-2
643424-3
643426-2
643426-3
770003-4
1-770003-0
770004-4
1-770004-0
770005-2
1-770005-0
770005-4
1-770005-1
770006-4
1-770006-0
770007-2
1-770007-0
770008-4
1-770008-0
770010-4
1-770010-0
770166-1
1-770166-0
770166-2
1-770166-1
770170-1
1-770170-0
770170-2
1-770170-1
770174-1
1-770174-0
770174-2
1-770174-1
770178-1
1-770178-0
770178-2
1-770178-1
770182-1
1-770182-0
770182-2
1-770182-1
770186-1
1-770186-0
770186-2
1-770186-1
770190-1
1-770190-0
770190-2
1-770190-1
770193-2
1-770193-0
770194-2
1-770194-0
770246-4
1-770246-0
770247-4
1-770247-0
770248-2
1-770248-0
770249-4
1-770249-0
770250-2
1-770250-0
770251-4
1-770251-0
770252-2
1-770252-0
770254-2
1-770254-0
770255-2
1-770255-0
770262-2
770262-3
770328-1
1586627-1
1-770328-1
1-1586627-1
770621-1
1-770621-0
770621-2
1-770621-1
770743-1
1-770743-0
770743-2
1-770743-1
770834-3
1-770834-0
770834-6
1-770834-1
770835-3
1-770835-0
770858-1
1-770858-0
770858-2
1-770858-1
770859-1
1-770859-0
770859-2
1-770859-1
770872-1
1-770872-0
770872-2
1-770872-1
770873-1
1-770873-0
770873-2
1-770873-1
770874-2
1-770874-1
770875-1
1-770875-0
770875-2
1-770875-1
Non-Compliant
RoHS Compliant
Part Number
Part Number
770876-1
1-770876-0
770876-2
1-770876-1
770901-3
1-770901-0
770902-3
1-770902-0
770902-6
1-770902-1
770903-3
1-770903-0
770903-6
1-770903-1
770904-3
1-770904-0
770904-6
1-770904-1
770966-1
1-770966-0
770966-2
1-770966-1
770967-1
1-770967-0
770967-2
1-770967-1
770968-1
1-770968-0
770968-2
1-770968-1
770969-1
1-770969-0
770969-2
1-770969-1
770970-1
1-770970-0
770970-2
1-770970-1
770971-1
1-770971-0
770971-2
1-770971-1
770972-1
1-770972-0
770972-2
1-770972-1
770973-1
1-770973-0
770973-2
1-770973-1
770974-1
1-770974-0
770974-2
1-770974-1
770985-3
1-770985-0
770986-3
1-770986-0
770987-3
1-770987-0
770988-3
1-770988-0
794040-1
1-794040-0
794040-2
1-794040-1
794058-3
1-794058-0
794059-3
1-794059-0
794065-1
1-794065-0
794065-2
1-794065-1
794066-1
1-794066-0
794066-2
1-794066-1
794067-1
1-794067-0
794067-2
1-794067-1
794068-1
1-794068-0
794068-2
1-794068-1
794069-1
1-794069-0
794069-2
1-794069-1
794070-1
1-794070-0
794070-2
1-794070-1
794071-1
1-794071-0
794071-2
1-794071-1
794072-1
1-794072-0
794072-2
1-794072-1
794073-1
1-794073-0
794073-2
1-794073-1
794074-1
1-794074-0
794074-2
1-794074-1
794075-2
1-794075-1
794076-1
1-794076-0
794076-2
1-794076-1
794077-1
1-794077-0
794077-2
1-794077-1
794078-1
1-794078-0
Non-Compliant
RoHS Compliant
Part Number
Part Number
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376389-4 MACOM-3-1376389-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376389-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com