Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5557-24R Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5557-24R
Description  Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 24 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5557-24R Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5557-24R Datasheet HTML 1Page - Molex Electronics Ltd. 5557-24R Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This document was generated on 04/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5557-24R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5557-24R MOLEX3-5557-24R Datasheet
301Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 24 Circuits
5557-24R-210 MOLEX3-5557-24R-210 Datasheet
300Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 24 Circuits
5557-24R-210 MOLEX11-5557-24R-210 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 24 Circuits
5557-24R-225 MOLEX3-5557-24R-225 Datasheet
297Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 24 Circuits, Glow Wire Compatible
5557-24R-225 MOLEX11-5557-24R-225 Datasheet
39Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, PA Polyamide Nylon 6/6, UL 94V-0, 24
More results

Similar Description - 5557-24R

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039012240 MOLEX1-0039012240_18 Datasheet
32Kb / 1P
   Mini-Fit Jr. Receptacle Housing, Dual Row, 24 Circuits, UL 94V-2, Natural
39-01-2020 MOLEX11-39-01-2020 Datasheet
41Kb / 2P
   Mini-Fit Jr. Receptacle Housing, Dual Row, UL 94V-2, 2 Circuits
39-01-2245 MOLEX11-39-01-2245 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 24 Circuits
39-01-2080 MOLEX11-39-01-2080 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 8 Circuits
39-01-2160 MOLEX11-39-01-2160 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 16 Circuits
39-01-2220 MOLEX11-39-01-2220 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 22 Circuits
39-01-2100 MOLEX11-39-01-2100 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 10 Circuits
39-01-2120 MOLEX11-39-01-2120 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 12 Circuits
39-01-2140 MOLEX11-39-01-2140 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-2, 14 Circuits
39-01-2025 MOLEX11-39-01-2025 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com