Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBU25 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part No. GBU25
Description  Glass Passivated Single-Phase Bridge Rectifier, 25A
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

GBU25 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
MAJOR RATINGS AND CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
V
SYMBOL
GBU25
UNIT
1100
D
300
500
700
1000
200
400
600
800
M
J
G
K
900
1000
200
400
600
800
V
Maximum repetitive peak reverse voltage
Peak reverse non-repetitive voltage
Maximum DC blocking voltage
Maximum average forward rectified output current, T = 85°C
c
Peak forward surge current single sine-wave superimposed on
rated load
Rating (non-repetitive, for t greater than 1 ms and less than 8.3 ms)
for fusing
RMS isolation voltage from case to leads
Operating junction storage temperature range
VRRM
VRSM
IFSM
VDC
IF(AV)
VISO
2
I t
2500
508
25
-40 to 150
350
2
A s
A
A
V
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
V
µA
SYMBOL
GBU25
UNIT
Maximum instantaneous forward drop per diode
Maximum reverse DC current at rated DC blocking
VF
IR
500
1.10
5
voltage per diod
TEST
CONDITIONS
I
= 12.5A
F
T
= 25°C
A
T
= 150°C
A
THERMAL AND MECHANICAL (T = 25°C unless otherwise noted)
A
PARAMETER
°C/W
SYMBOL
GBU25
UNIT
Typical thermal resistance
(1) With heatsink, single side heat dissipation, half sine wave.
(1)
RθJC
1.0
Notes
Storage temperature range
TSTG
-40 to 150
ºC
TJ
TEST CONDITIONS
junction to case
Single-side heat dissipation, sine
half wave
Mounting
± 10 %
to heatsink M3
A mounting compound is recommended
and the torque should be rechecked after
a
for the spread
period of 3 hours to allow
of the compound.
0.8
.
N m
Approximate weight
4.0
torque
g
-
Product type : “GBU” Package,1
Ø Bridge
1
2
3
-
-
Voltage code : D = 200V
I
rating : "25" for 25A
F(AV)
D
M
J
G
K
D
M
J
G
K
Device code
25
GBU
K
1
2
3
G = 400V
J = 600V
K = 800V
M = 1000V
GBU25 Series
Ordering Information Tabel
Page 2 of 3
www.nellsemi.com


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn