Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GBU25 Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part No. GBU25
Description  Glass Passivated Single-Phase Bridge Rectifier, 25A
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NELLSEMI [Nell Semiconductor Co., Ltd]
Homepage  http://www.nellsemi.com
Logo 

GBU25 Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.1 Derating curve for output rectified current
Ambient temperature (°C)
Fig.2 Maximum non-repetitive peak forward
surge current per bridge element
0
100
200
300
400
1
10
100
Number of cycles at 50Hz
Fig.3 Typical reverse characteristics per
bridge element
Percent of rated peak reverse voltage (%)
Fig.4 Typical forward characteristics per
bridge element
Forward voltage (v)
T = 25°C
J
25
20
15
10
5
0
0
50
100
150
1000
100
10
1.0
0.1
0
20
40
60
80
100
120
140
T = 2
5°C
J
0.01
T = 1
25°C
J
100
10
1.0
0.1
0.6
0.7
0.9
1.1
1.3
T = 25°C
J
0.8
1.0
1.2
GBU25 Series
Page 3 of 3
www.nellsemi.com


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn