Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55PTxxC Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 55PTxxC
Description  Stansard SCRs, 55A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

55PTxxC Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  55PTxxC Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 55PTxxC Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 55PTxxC Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 55PTxxC Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 55PTxxC Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2
1
2
3
Page 1 of 5
SEMICONDUCTOR
55PT Series RoHS
RoHS
Stansard SCRs, 55A
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
55
A
V
mA
80
600 to 1600
DESCRIPTION
www.nellsemi.com
The 55PT series of silicon controlled rectifiers are
high performance glass passivated technology,
and are suitable for general purpose applications,
where power handling and power dissipation are
critical, such as solid state relay, welding equipment
SYMBOL
IT(RMS)
RMS on-state current full sine wave
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t
2
2
I t Value for fusing
1352
2
A s
dI/dt
Critical rate of rise of on-state current
150
IGM
Peak gate current
PG(AV)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
520
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F = 60 Hz
T =125ºC
j
T = 125ºC
j
T = 125ºC
j
T = 20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
V
600 to 1600
T =125ºC
j
VDRM
VRRM
Repetitive peak off-state voltage
Repetitive peak reverse voltage
(180° conduction angle )
5
2
Average on-state current
(180° conduction angle)
IT(AV)
40
A
TO-3P/TO-247AB
TO-220AB/TO-263
T =85°C
c
T =80°C
c
Maximum gate power
PGM
W
10
T =20µs
p
T = 125ºC
j
TO-220AB insulated/TO-3P insulated
T =85°C
c
T =80°C
c
55
540
Base on a clip assembly technology, they offer a
superior performance in surge current capabilities.
TO-3P/TO-247AB
TO-220AB/TO-263
TO-220AB insulated/TO-3P insulated
Maximum peak reverse gate voltage
VRGM
5
V
T =70°C
c
T =70°C
c
TO-220AB non-Insulated)
(
TO-3P (non-Insulated)
A2
A2
G
A1
2
TO-263 (D PAK)
A1 A2 G
A2
(55PTxxH)
(55PTxxA)
(55PTxxB)
1
2
3
TO-220AB (lnsulated)
TO-3P (Insulated)
A1 A2 G
(55PTxxAI)
(55PTxxBI)
TO-247AB (non-Insulated)
(55PTxxC)
and high power motor control.
1
2
3
Thanks to their internal ceramic pad, they provide
high voltage insulation(2500V
).
RMS
V = 67% V
, t = 200μs, I = 0.3A
D
DRM
p
G
d /dt = 0.3A/μs
IG
3(G)
1(K)
2(A)


Similar Part No. - 55PTxxC

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
55PT06A NELLSEMI-55PT06A Datasheet
898Kb / 5P
   Stansard SCRs, 55A
55PT06AI NELLSEMI-55PT06AI Datasheet
898Kb / 5P
   Stansard SCRs, 55A
55PT06B NELLSEMI-55PT06B Datasheet
898Kb / 5P
   Stansard SCRs, 55A
55PT06BI NELLSEMI-55PT06BI Datasheet
898Kb / 5P
   Stansard SCRs, 55A
More results

Similar Description - 55PTxxC

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
55PT06AI NELLSEMI-55PT06AI Datasheet
898Kb / 5P
   Stansard SCRs, 55A
25PT NELLSEMI-25PT_18 Datasheet
856Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT Datasheet
659Kb / 5P
   Stansard SCRs
55PT NELLSEMI-55PT Datasheet
650Kb / 5P
   Stansard SCRs
70PT NELLSEMI-70PT Datasheet
254Kb / 4P
   Stansard SCRs
16PT NELLSEMI-16PT_18 Datasheet
784Kb / 6P
   Stansard SCRs
30PT NELLSEMI-30PT_18 Datasheet
245Kb / 6P
   Stansard SCRs
40PT NELLSEMI-40PT_18 Datasheet
751Kb / 5P
   Stansard SCRs
75PT NELLSEMI-75PT Datasheet
708Kb / 5P
   Stansard SCRs
16PT06AI NELLSEMI-16PT06AI Datasheet
661Kb / 6P
   Stansard SCRs, 16A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com