Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PTxxF08 Datasheet(PDF) 7 Page - Nell Semiconductor Co., Ltd

Part # 4PTxxF08
Description  Sensitive gate SCRs, 4A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PTxxF08 Datasheet(HTML) 7 Page - Nell Semiconductor Co., Ltd

  4PTxxF08 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PTxxF08 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PTxxF08 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PTxxF08 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PTxxF08 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PTxxF08 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4PTxxF08 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7.5
2.5
3.8
3.1
10.8
2.54
15.9
1
2
3
0.5
2.29
0.76
1.2
4.58
TO-126
(G)3
1(A1)
(A2)
2
SEMICONDUCTOR
RoHS
RoHS
4PT Series
TO-202-3
Case Style
1.50
0.50
1.4 Max.
4.50
10.1 Max.
1
2
3
0.70
Max.
2.54 2.54
Page 7 of 7
www.nellsemi.com


Similar Part No. - 4PTxxF08

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-05 NELLSEMI-4PT06A-05 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
More results

Similar Description - 4PTxxF08

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com