Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PTxxF03 Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 4PTxxF03
Description  Sensitive gate SCRs, 4A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PTxxF03 Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  4PTxxF03 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PTxxF03 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PTxxF03 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PTxxF03 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PTxxF03 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PTxxF03 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4PTxxF03 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
SEMICONDUCTOR
4PT Series RoHS
RoHS
Sensitive gate SCRs, 4A
SYMBOL
IT(RMS)
4
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
2
I t
2
I t Value for fusing
4.5
2
A s
dI/dt
Critical rate of rise of on-state current
50
IGM
Peak gate current
PG(AV)
Average gate power dissipation
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
30
33
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F = 60 Hz
T =125ºC
j
T = 125ºC
j
T = 125ºC
j
T = 20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
Main Features
Symbol
Value
Unit
IT(RMS)
V
/V
DRM
RRM
IGT
4
A
V
µA
10 to 200
600 to 800
DESCRIPTION
Thanks to highly sensitive triggering levels, the 4PT
series is suitable for all applications where the
available gate current is limited, such as motor
control for hand tools, kitchen aids, capacitive
discharge ignitions,
protection
overvoltage crowbar
for low power supplies among others.
Available in through-hole or surface-mount packages,
V
600 and 800
T =125ºC
j
VDRM
VRRM
Repetitive peak off-state voltage
Repetitive peak reverse voltage
they provide an optimized performance in a limited
space area.
RMS on-state current full sine wave
(180° conduction angle )
1.2
0.2
Average on-state current
(180° conduction angle)
IT(AV)
2.5
A
1
2
3
1
2
3
2
2
2
1
2
3
TO-220AB (Non-lnsulated)
TO-251 (I-PAK)
TO-252 (D-PAK)
I = 2xl
, t ≤100ns
G
GT
r
1
2
3
TO-220AB (lnsulated)
(4PTxxF)
(4PTxxG)
(4PTxxA)
(4PTxxAI)
www.nellsemi.com
T =115°C
c
T =110°C
c
TO-251/TO-252/TO-220AB
TO-220AB insulated
TO-251/TO-252/TO-220AB
TO-220AB insulated
T =115°C
c
T =110°C
c
TO-126 (Non-lnsulated)
(4PTxxAM)
T =95°C
c
T =95°C
c
TO-126
1
2
3
1
2
3
TO-202-3
TO-126
TO-202-3
T =60°C
c
T =60°C
c
TO-202-3
(4PTxxAT)
3(G)
1(K)
2(A)


Similar Part No. - 4PTxxF03

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-05 NELLSEMI-4PT06A-05 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
More results

Similar Description - 4PTxxF03

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com