Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PTxxFS Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 4PTxxFS
Description  Sensitive gate SCRs, 4A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PTxxFS Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  4PTxxFS Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PTxxFS Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PTxxFS Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PTxxFS Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PTxxFS Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PTxxFS Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4PTxxFS Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
I
,I ,I [T ] / I
,I ,I [T =25
°C]
GT H L
j
GT H L
j
0
1
2
3
4
5
4PT Series
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Fig.5 Relative variation of gate trigger current
and holding current versus junction
temperature
Fig.6 Relative variation of holding current
versus gate-cathode resistance
(typical values)
1E-2
1E-1
1E+0
1E+1
I [R
] / I [R
=1KΩ
H
GK
H
GK
]
Fig.3 Average and DC on-state current versus
ambient temperature (DPAK)
Fig.4 Relative variation of thermal impedance
junction to ambient versus pulse duration
(DPAK)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0
25
50
75
100
125
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-3
1E-2
1E-1
1E+0
I (AV)(A)
T
K=[Z
)/R
]
th(j-c
th(j-c)
Zth(j-a)
Zth(j-c)
t (s)
p
Device mounted on FR4 with
recommended pad layout
α=180°
DPAK (S = 0.5cm²)
DC
IPAK
α=180°
T
(°C)
amb
DC
Device mounted on FR4 with
recommended pad layout
IGT
T (°C)
j
l
IL
hand
R
=1K
Ω
GK
Tj=25
°C
R
(KΩ)
GK
Fig.1 Maximum average power dissipation versus
on-state current
Fig.2 Average and DC on-state current versus
case temperature
P(W)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
25
50
75
100
125
I
(A)
T(AV)
0.5
0.0
360°
α
α=180°
I
(A)
T(AV)
DC
α=180°
TO-220AB
Insulated
T
(°C)
case
TO -251/ TO -252
TO -220AB
TO-126
TO-202-3
Page 4 of 7
www.nellsemi.com


Similar Part No. - 4PTxxFS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-05 NELLSEMI-4PT06A-05 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
More results

Similar Description - 4PTxxFS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com