Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PTxxA08 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 4PTxxA08
Description  Sensitive gate SCRs, 4A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PTxxA08 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  4PTxxA08 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PTxxA08 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PTxxA08 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PTxxA08 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PTxxA08 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PTxxA08 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 4PTxxA08 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SEMICONDUCTOR
4PT Series RoHS
RoHS
4PTxxxx
Unit
IGT
VGD
IH
mA
dV/dt
VTM
IDRM
IRRM
mA
IL
V = 12V, R = 30Ω
D
L
V = V
, R = 3.3K
D
DRM
L
Ω, R
= 220
Ω, T = 125°C
GK
j
I = 50mA,
T
R
= 1KΩ
GK
I = 1mA,
G
R
= 1KΩ
GK
V = 67% V
, T = 125°C
D
DRM
j
, R
= 1KΩ
GK
0.8
0.1
5
6
10
µA
V
V
mA
V/µs
I = 8A,
T
t = 380 µs
P
T = 125°C
j
T = 25°C
j
T = 25°C
j
V
µA
ELECTRICAL SPECIFICATIONS (TJ = 25
unless otherwise specified)
ºC
TEST CONDITIONS
SYMBOL
1.6
5
1
V =V
, V =V
D
DRM
R
RRM
R
=1K
GK
Min.
Max.
Max.
Min.
Max.
Min.
Min.
Max.
Max.
Max.
10
200
THERMAL RESISTANCE
Rth(j-c)
Junction to case (DC)
Rth(j-a)
Junction to ambient
2.8
60
°C/W
UNIT
VALUE
SYMBOL
Parameter
IPAK/DPAK/TO-220AB/TO-126
TO-252(D-PAK)
TO-220AB
TO-251(I-PAK)/TO-126
70
100
2
S = 0.5 cm
VGT
PRODUCT SELECTOR
PART NUMBER
VOLTAGE (x x)
SENSITIVITY
600 V
70~200 µA
4PTxxA-S/4PTxxAl-S
4PTxxF-S
4PTxxG-S
V
V
V
800 V
V
V
V
PACKAGE
TO-220AB
I-PAK
D-PAK
V
V
V
V
V
V
V
V
4PTxxA-03/4PTxxAl-03
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
4PTxxA-05/4PTxxAl-05
4PTxxF-03
4PTxxF-05
4PTxxF-06
4PTxxF-08
4PTxxG-03
4PTxxG-05
4PTxxG-06
4PTxxG-08
4PTxxA-06/4PTxxAl-06
4PTxxA-08/4PTxxAl-08
D-PAK
D-PAK
D-PAK
D-PAK
I-PAK
I-PAK
I-PAK
I-PAK
TO-220AB
TO-220AB
TO-220AB
TO-220AB
10~30 µA
20~30 µA
30~60 µA
50~80 µA
70~200 µA
10~30 µA
20~30 µA
30~60 µA
50~80 µA
70~200 µA
10~30 µA
20~30 µA
30~60 µA
50~80 µA
V
V
V
V
V
V
4PTxxAM-S
4PTxx
-03
AM
4PTxx
-05
AM
TO-126
TO-126
TO-126
70~200 µA
10~30 µA
20~30 µA
4PTxx
-06
AM
4PTxx
-08
AM
V
V
TO-126
30~60 µA
V
V
TO-126
50~80 µA
TO-202-3
15
Rth(j-l)
Junction to lead (DC)
4PTxx
-03
AT
V
V
TO-202-3
10~30 µA
4PTxx
-06
AT
V
V
TO-202-3
30~60 µA
4PTxx
-08
AT
V
V
TO-202-3
50~80 µA
Page 2 of 7
www.nellsemi.com


Similar Part No. - 4PTxxA08

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
4PT06A-03 NELLSEMI-4PT06A-03 Datasheet
758Kb / 7P
   Sensitive gate SCRs
4PT06A-05 NELLSEMI-4PT06A-05 Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
More results

Similar Description - 4PTxxA08

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT06AI-S NELLSEMI-4PT06AI-S Datasheet
199Kb / 6P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com