Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5111 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS5111
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5111 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS5111 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 9Page - Cherry Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
The 5V linear regulator consists of an error amplifier,
bandgap voltage reference, and a composite pass transistor.
The 5V linear regulator circuitry is shown in Figure 2.
When an unregulated voltage greater than 6.6V is applied
to the VREG input, a 5V regulated DC voltage will be pre-
sent at VLIN. For proper operation of the 5V linear regula-
tor, the IBIAS lead must have a 64.9kΩ pull down resistor to
ground. A 100µF or larger capacitor with an ESR <8Ω
must be connected between VLIN and ground. To operate
the 5V linear regulator as an independent regulator (i.e.
separate from the switching supply), the input voltage
must be tied to the VREG lead.
As the voltage at the VREG input is increased, Q1 is turned
on. Q1 provides base drive for Q2 which in turn provides
base current for Q3. As Q3 is turned on, the output voltage,
VLIN, begins to rise as Q3’s output current charges the out-
put capacitor, COUT. Once VLIN rises to a certain level, the
error amplifier becomes biased and provides the appropri-
ate amount of base current to Q1. The error amplifier mon-
itors the scaled output voltage via an internal voltage
divider, R2 through R5, and compares it to the bandgap
voltage reference. The error amplifier output or error sig-
nal is an output current equal to the error amplifier’s input
differential voltage times the transconductance of the
amplifier. Therefore, the error amplifier varies the base
current to Q1, which provides bias to Q2 and Q3, based on
the difference between the reference voltage and the
scaled VLIN output voltage.
The watchdog timer circuitry monitors an input signal
(WDI) from the microprocessor. It responds to the falling
edge of this watchdog signal which it expects to see within
an externally programmable time (see Figure 3).
The watchdog time is given by:
tWDI = 1.353 × CDelay RBIAS
Using CDelay = 0.1µF and RBIAS = 64.9kΩ gives a time rang-
ing from 6.25ms to 11ms assuming ideal components. Based
on this, the software must be written so that the watchdog
arrives at least every 6.25ms. In practice, the tolerance of
CDelay and RBIAS must be taken into account when calculat-
ing the minimum watchdog time (tWDI).
Figure 3. Timing diagram for normal regulator operation.
Figure 4. Timing diagram when WDI fails to appear within the preset
time interval, tWDI.
VLIN
WDI
RESET
VREG
tPOR
A
B
A: Watchdog waiting for
low-going transition on
WDI
50% Duty
Cycle
B: RESET stays low for
tWDI time.
VLIN
WDI
RESET
VREG
tPOR
Normal Operation
Control Functions
5V Linear Regulator
Circuit Description
Over
Temperature
Linear
Error
Amplifier
1.25V
VREG
VLIN
Cdelay
Over Voltage
RESET &
Watchdog Timer
Current
Limit
WDI
RESET
Bandgap
Reference
IBIAS
RBIAS
64.9kΩ
R1
R2
R3
R4
R5
COUT = 100µF
ESR < 8Ω
Q1
Q2
Q3
Figure 2. Block diagram of 5V linear regulator portion of the CS5111.
5


Similar Part No. - CS5111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
CS5111YDWF24 ONSEMI-CS5111YDWF24 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
CS5111YDWFR24 ONSEMI-CS5111YDWFR24 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
More results

Similar Description - CS5111

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com